Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90257 Datasheet (PDF) - Melexis Microelectronic Systems

MLX90257 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX90257
Download  MLX90257 Download
File Size   186.7 Kbytes
Page   9 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Relative Integrated Pressure Sensor

MLX90257 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX90257 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX90257
Download  MLX90257 Click to download

File Size   186.7 Kbytes
Page   9 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Relative Integrated Pressure Sensor

MLX90257 Datasheet (HTML) - Melexis Microelectronic Systems


MLX90257 Product details

Description

The MLX90257 is an integrated relative pressure sensor (2 pressure ports) realized in CMOS technology with micromachining options. It consists of an analog signal chain that interacts with the digital core and on-chip temperature sensor in order to provide uniform overall sensing characteristics after calibration and to cancel the temperature related parameter drifts.

The output is proportional to the applied pressure with an adjustable slope and offset. It is ratiometric and goes rail-to-rail with a 3mA source and sink capability. Different pressure ranges are available (from 1.2 to 10 Bar full scale ranges, see above ordering information).



Features and Benefits

■ Relative Integrated Pressure sensor

■ Less than ±1% error range overall

■ Programmable through the connector (3 pins)

■ Trimmable offset and sensitivity

■ On-Chip Signal Conditioning

■ Output proportional to the applied pressure

■ Ratiometric output

■ Rail-to-rail output

■ Diagnostics of broken supply wires and broken sensor

■ Output protected against short-circuits at both battery terminals

■ Different pressure ranges available



Application Examples

■ Medical diagnostics

■ Pumps

■ Industrial applications

■ Robotics



 




Similar Part No. - MLX90257

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
Programmable Linear Hall Effect Sensor
MLX90251 MELEXIS-MLX90251 Datasheet
414Kb / 20P
Programmable Linear Hall Effect Sensor
MLX90251EGO-2 MELEXIS-MLX90251EGO-2 Datasheet
472Kb / 22P
Programmable Linear Hall Effect Sensor
MLX90251EVAFAA-000BU MELEXIS-MLX90251EVAFAA-000BU Datasheet
414Kb / 20P
Programmable Linear Hall Effect Sensor
MLX90251EVAFAA-100BU MELEXIS-MLX90251EVAFAA-100BU Datasheet
414Kb / 20P
Programmable Linear Hall Effect Sensor
More results


Similar Description - MLX90257

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
Silicon Piezoresistive Relative Pressure Sensor
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
Relative Integrated Pressure Sensor Datasheet
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
Relative Pressure Sensor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com