Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90269 Datasheet (PDF) - Melexis Microelectronic Systems

MLX90269 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX90269
Download  MLX90269 Download
File Size   179.77 Kbytes
Page   9 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Absolute Integrated Pressure Sensor

MLX90269 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX90269 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX90269
Download  MLX90269 Click to download

File Size   179.77 Kbytes
Page   9 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Absolute Integrated Pressure Sensor

MLX90269 Datasheet (HTML) - Melexis Microelectronic Systems


MLX90269 Product details

Description

The MLX90269 is an integrated absolute pressure sensor (0 Bar = vacuum) realized in CMOS technology with micromachining options. It consists of an analog signal chain that interacts with the digital core and on-chip temperature sensor in order to provide uniform overall sensing characteristics after calibration and to cancel the temperature related parameter drifts.

The output is proportional to the applied pressure with an adjustable slope and offset. It is ratiometric and goes rail-to-rail with a 3mA source and sink capability. Different pressure ranges are available (from 1.2 to 7 Bar full scale ranges, see above ordering information).



Features and Benefits

▪ Absolute Integrated Pressure sensor

▪ Less than ±1% error range overall

▪ Programmable through the connector (3 pins)

▪ Trimmable offset and sensitivity

▪ On-Chip Signal Conditioning

▪ Output proportional to the applied pressure

▪ Ratiometric output

▪ Rail-to-rail output

▪ Diagnostics of broken supply wires and broken sensor

▪ Output protected against short-circuits at both battery terminals

▪ Different pressure ranges available



Application Examples

▪ Water pressure

▪ Oil pressure

▪ Manifold Air Pressure



 




Similar Part No. - MLX90269

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90210 ETC-MLX90210 Datasheet
30Kb / 3P
Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90210 MELEXIS-MLX90210 Datasheet
117Kb / 3P
Pressure Sensor IC
MLX90210 MELEXIS-MLX90210 Datasheet
125Kb / 3P
Pressure Sensor /C
MLX90210CUFAAA-000WB MELEXIS-MLX90210CUFAAA-000WB Datasheet
125Kb / 3P
Pressure Sensor /C
MLX90210 MELEXIS-MLX90210_12 Datasheet
125Kb / 3P
Pressure Sensor /C
More results


Similar Description - MLX90269

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
ABSOLUTE PRESSURE SENSOR
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
Absolute Pressure Sensor
Rev 2.14, 2007-11-23
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Melexis Microelectronic...
MLX90808 MELEXIS-MLX90808 Datasheet
165Kb / 8P
Absolute Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
Integrated, Absolute Pressure Sensor
logo
Infineon Technologies A...
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
Absolute Pressure Sensor
November 2007 Rev 1.02
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
Absolute Pressure Sensor
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
Absolute Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com