Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITA6V1U1 Datasheet (PDF) - STMicroelectronics

ITA6V1U1 Datasheet PDF - STMicroelectronics
Part # ITA6V1U1
Download  ITA6V1U1 Download
File Size   177.77 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSILTM ARRAY FOR DATALINE PROTECTION

ITA6V1U1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ITA6V1U1 Datasheet PDF - STMicroelectronics

Part # ITA6V1U1
Download  ITA6V1U1 Click to download

File Size   177.77 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRANSILTM ARRAY FOR DATALINE PROTECTION

ITA6V1U1 Datasheet (HTML) - STMicroelectronics


ITA6V1U1 Product details

Description
Transil diode arrays provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS technology and low voltage supplied IC’s.
The ITA series allies high surge capability against energetic pulses with high voltage performance against ESD.

Features
■ High surge capability Transil array: IPP = 40 A (8/20 µs)
■ Peak pulse power : 300 W (8/20 µs)
■ Up to 6 bidirectional Transil functions
■ Low clamping factor (VCL / VBR) at high current level
■ Low leakage current
■ ESD protection up to 15 kV

Complies with the following standards
■ IEC 61000-4-2 level 4
    – 15 kV (air discharge)
    – 8 kV (contact discharge)
■ MIL STD 883G- Method 3015-7: class 3B
    – 25 kV (human body model)

Applications
Data transmission lines protection, such as:
■ Unipolar signal up to 5.5 V
■ Bipolar signal in the ± 2.5 V range




Similar Part No. - ITA6V1U1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
ITA6V1U1RL STMICROELECTRONICS-ITA6V1U1RL Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITA6V1U1RL STMICROELECTRONICS-ITA6V1U1RL Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
More results


Similar Description - ITA6V1U1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V5B1 STMICROELECTRONICS-ITA6V5B1 Datasheet
149Kb / 5P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
logo
Diodes Incorporated
DLPT05 DIODES-DLPT05 Datasheet
75Kb / 3P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 2 - 2
logo
STMicroelectronics
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
logo
Diodes Incorporated
DLPT05 DIODES-DLPT05_1 Datasheet
112Kb / 4P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 6 - 2
DLPT05 DIODES-DLPT05_08 Datasheet
132Kb / 4P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 9 - 2 July 2008
DLPT05W DIODES-DLPT05W Datasheet
110Kb / 5P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev 3
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
DLPT05WA DIODES-DLPT05WA Datasheet
459Kb / 6P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 1 - 2 September 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com