Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

472223010140 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

472223010140 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 472223010140
Download  472223010140 Download
File Size   1764.71 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-TOTV Ø 12 mm Panel Cut-out Round Actuator with Threaded Keyway Bushing Screw Terminal Toggle Switch

472223010140 Datasheet (PDF)

Go To PDF Page Download Datasheet
472223010140 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 472223010140
Download  472223010140 Click to download

File Size   1764.71 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-TOTV Ø 12 mm Panel Cut-out Round Actuator with Threaded Keyway Bushing Screw Terminal Toggle Switch

472223010140 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


472223010140 Product details

General Information:
Operating Temperature -40°C up to +85°C (body) /+55°C (actuator)
Storage Conditions
(in original packaging) 5 °C up to + 40 °C; up to 75 % rH
Moisture Sensitivity Level (MSL) 1
Ingress Protection Code IP68 (actuator sealed and panel sealed)




Similar Part No. - 472223010140

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
472223010110 WURTH-472223010110 Datasheet
1Mb / 8P
WS-TOTV Ø 12 mm Panel Cut-out Round Actuator with Threaded Keyway Bushing 6.3 mm quick connect Toggle Switch
001.001
More results


Similar Description - 472223010140

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
Wurth Elektronik GmbH &...
418217270902A WURTH-418217270902A Datasheet
375Kb / 5P
2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270903A WURTH-418217270903A Datasheet
376Kb / 5P
2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270906A WURTH-418217270906A Datasheet
376Kb / 5P
2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
logo
Weidmuller
2007200000 WEIDMULLER-2007200000 Datasheet
837Kb / 8P
WS 12/6 MM WS
October 18, 2021
logo
Wurth Elektronik GmbH &...
471005264152 WURTH-471005264152 Datasheet
1Mb / 8P
WS-RSTV 27.6 x 13.8 mm Panel Cut-out with 0.25' Quick connect terminal Rocker Switch
002.000
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com