Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX16305 Datasheet (PDF) - Melexis Microelectronic Systems

MLX16305 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX16305
Download  MLX16305 Download
File Size   1072.24 Kbytes
Page   29 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Interlock switch sensor interface IC

MLX16305 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX16305 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX16305
Download  MLX16305 Click to download

File Size   1072.24 Kbytes
Page   29 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description Interlock switch sensor interface IC

MLX16305 Datasheet (HTML) - Melexis Microelectronic Systems


MLX16305 Product details

Description
The MLX16305 is designed to diagnose the state of remote interlock switches in automotive safety applications. Its high accuracy allows it to be applied in a broad range of related automotive and industrial applications using current modulated sensors and switches.

Features and Benefits
    6 sense Channels
    Large supply current + supply voltage range for maximum contact cleaning
    Applicable with all 2-wire Hall effect switches
    Diagnoses open wires, shorts to Supplies and shorts between wires
        o Current and Voltage measurement mode
        o High measurement accuracy: 5%
    Current limited supply regulator
    Automotive qualified (40V Load Dump)
    Over-temperature detection
    Small Package: narrow body (150mils) SO16, RoHS compliant

Applications
    General Fail safe read out of safety interlock switches to
        o Detect human action
        o Verify solenoid/motor actuation
    Automotive applications
        o Next to the Safety ECU: interlock switch sensor supply and sensor I/F
            ◾ Seat belt buckle
            ◾ Seat occupancy mat
            ◾ Air bag presence detection
            ◾ Seat position switch
            ◾ Airbag disable switch
        o Next to Smart Junction Box / Body Control Module: Contact monitoring
            ◾ Foot Brake pressed detection
            ◾ Park position of the automatic transmission
            ◾ Door lock position
            ◾ …
        o Analog Mux
            ◾ Resistive coded rotary encoder
            ◾ Fuel run dry switch
            ◾ Seat Heater switch
            ◾ …
    Industrial applications:
        o Industrial Security doors and machine guarding
        o General 2 wire analog sensors :
            ◾ Industrial pressure, strain gauge, … sensors (ref. MLX90308, MLX90314)




Similar Part No. - MLX16305

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
MLX16305EDC-CCA-000-RE MELEXIS-MLX16305EDC-CCA-000-RE Datasheet
447Kb / 29P
Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
More results


Similar Description - MLX16305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8025F TOSHIBA-TA8025F Datasheet
195Kb / 5P
PICK UP SENSOR INTERFACE IC
TA8025P TOSHIBA-TA8025P Datasheet
194Kb / 5P
PICK UP SENSOR INTERFACE IC
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
Universal Actuator-Sensor Interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
Pressure Sensor Interface IC
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com