Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB35389 Datasheet (PDF) - STMicroelectronics

ISB35389 Datasheet PDF - STMicroelectronics
Part # ISB35389
Download  ISB35389 Download
File Size   345.59 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCMOS STRUCTURED ARRAY

ISB35389 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISB35389 Datasheet PDF - STMicroelectronics

Part # ISB35389
Download  ISB35389 Click to download

File Size   345.59 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCMOS STRUCTURED ARRAY

ISB35389 Datasheet (HTML) - STMicroelectronics


ISB35389 Product details

Features
■ 0.5 micron triple layer metal HCMOS process featuring retrograde well technology, low resistance salicided active areas, polysilicide gates and thin metal oxide. 3.3 V optimized transistor with 5 V I/O interface capability 2 - input NAND delay of 0.210 ns (typ) with fanout = 2. Broad I/O functionality including LVCMOS, LVTTL, GTL, PECL, and LVDS. High drive I/O; capability of sinking up to 48 mA with slew rate control, current spike suppression and impedance matching. Metallised generators to support SPRAM and DPRAM, plus an extensive embedded function library. Combines Standard Cell Features with Sea of Gates time to market. May 1994 Fully independent power and ground configurations for inputs, core and outputs. Programmable I/O ring capability up to 1000 pads. Output buffers capable of driving ISA, EISA, PCI, MCA, and SCSI interface levels. Active pull up and pull down devices. Buskeeper I/O functions. Oscillators for wide frequency spectrum. Broad range of 400 SSI cells. 300 element macrofunction library. Design For Test includes LSSD macro library option and IEEE 1149.1 JTAG Boundary Scan architecture built in. Cadence and Mentor based design system with interfaces from multiple workstations. Broad ceramic and plastic package range. Latchup trigger current +/- 500 mA. ESD protection +/- 4000 volts. Internal Device Name Total Sites1 Estimated 2 Gates Total Usable3 Gates Maximum4 Device Pads Maximum5 I/O ISB35083 124,416 82,944 58,060 188 172 ISB35130 194,400 129,600 90,720 232 216 ISB35166 249,696 166,464 116,524 260 244 ISB35208 311,904 207,936 145,555 288 272 ISB35279 418,176 278,784 195,148 332 316 ISB35389 584,064 389,376 253,094 388 372 ISB35484 726,624 484,416 314,870 432 416 ISB35666 998,784 665,856 399,513 504 488 ISB35832 1,247,616 831,744 499,046 560 544 Notes : 1. Internal sites is based on the number of placement sites available to the route and place software 2. A factor of 1.5 is used to derive the gate complexity from the total available sites. This number is in Nand2 equivalents 3. Factors of 70%, 65%, and 60% have been used to calculate the routing efficiency. This number may vary depending on the design. 4. 16 corner pads are dedicated to internal and external power supplies. I/O pads may be configured for additional power. 5. Maximum I/O = total device pads minus power pads.




Similar Part No. - ISB35389

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
Telecommunications
More results


Similar Description - ISB35389

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
AMI SEMICONDUCTOR
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
0.15關m Structured ASIC
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
0.15mm Structured ASIC
logo
California Eastern Labs
NX5530SA CEL-NX5530SA Datasheet
184Kb / 5P
1 550 nm Multiple Quantum Well (MQW) structured
logo
Crystek Corporation
C33XX CRYSTEKCRYSTAL-C33XX_15 Datasheet
66Kb / 2P
HCMOS
CCHD-950 CRYSTEKCRYSTAL-CCHD-950_15 Datasheet
271Kb / 2P
HCMOS
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com