Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US91AEVA Datasheet (PDF) - Melexis Microelectronic Systems

US91AEVA Datasheet PDF - Melexis Microelectronic Systems
Part # US91AEVA
Download  US91AEVA Download
File Size   307.63 Kbytes
Page   12 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 24V Hall IC Fan Driver

US91AEVA Datasheet (PDF)

Go To PDF Page Download Datasheet
US91AEVA Datasheet PDF - Melexis Microelectronic Systems

Part # US91AEVA
Download  US91AEVA Click to download

File Size   307.63 Kbytes
Page   12 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description 24V Hall IC Fan Driver

US91AEVA Datasheet (HTML) - Melexis Microelectronic Systems


US91AEVA Product details

General Description

The US90A/91A is a one-chip solution for driving two-coil brushless DC cooling fans.

Based  on  the  advanced  Melexis  CMOS  process, the  IC  contains  a  Hall-effect  sensor,  dynamic offset correction and low side output drivers.



Features and Benefits

 Low cost

 High sensitivity Hall Sensor

 Locked rotor protection and auto-restart

 Power-efficient CMOS and power MOSFETs

 Built-in output protection clamping diode

 Integrated tachometer (US90A) or alarm (US91A) signal output

 2-coil fan driver with FG/RD output in 4-pin VK / VA and 8-pin narrow SOIC packages (all RoHS Compliant)



Application Examples

 12V/24V fans

 Peak current up to 500mA




Similar Part No. - US91AEVA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
24V Hall IC Fan Driver
More results


Similar Description - US91AEVA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
24V Hall IC Fan Driver
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
24V Hall IC Fan Driver
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
24V Fan Motor Driver IC
May, 2013
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
High Sensit ivit y Hall IC for FAN Driver
APX9189 ANPEC-APX9189 Datasheet
170Kb / 10P
12V/24V High Sensitivity Hall IC for FAN Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com