Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD300-R04D-CIT Datasheet (PDF) - Honeywell Solid State Electronics Center

AD300-R04D-CIT Datasheet PDF - Honeywell Solid State Electronics Center
Part # AD300-R04D-CIT
Download  AD300-R04D-CIT Download
File Size   723.31 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description GAS SENSOR Sulfur Dioxide (S0₂) Intelligent Series Gas Sensor (iseries)

AD300-R04D-CIT Datasheet (PDF)

Go To PDF Page Download Datasheet
AD300-R04D-CIT Datasheet PDF - Honeywell Solid State Electronics Center

Part # AD300-R04D-CIT
Download  AD300-R04D-CIT Click to download

File Size   723.31 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description GAS SENSOR Sulfur Dioxide (S0₂) Intelligent Series Gas Sensor (iseries)

AD300-R04D-CIT Datasheet (HTML) - Honeywell Solid State Electronics Center


AD300-R04D-CIT Product details

FEATURES AND BENEFITS
Digital interface – The sensor has a UART protocol to communicate with the instrument with chip select option as described in the Communication Protocol (SDCS)
Predictive calibration – Sensors can predict in advance when its accuracy is becoming too poor to give a reliable, accurate reading (advanced warning of when recalibration is needed).
Interchangeable – All intelligent sensors have the same dimensions and communication protocol. All sensors in the range will work with a supply voltage from 3.1 V to 3.3 V
End-of-life indication – Sensors can predict in advance when its sensitivity is falling too low to give a reliable, accurate reading (advanced warning for sensor replacement).
Digital traceability – Sensors contain the following data: serial number, manufacturing date, and gas type for quick and easy identification of the sensor
Fault indication – Intelligent sensors can detect several internal faults like drift/fault in reference electrode, electrolyte concentration out of range, counter electrode fault; therefore notifying the user to take corrective actions
Pre-calibrated – Sensors will be calibrated during manufacturing and calibration data is written in the sensor. Sensor will output gas concentration when interrogated by instrument
OEM lock – Sensors have two levels of lock codes. The first one is an OEM specific code programmed in during manufacture and cannot be modified. This lock code is provided by the OEM. Instrument can check if the sensor has the unique code – if not the instrument can refuse the sensor. The second level of lock code is left blank and can be updated by OEM/Partners during sensor integration into the instrument as needed
Compact form factor
Five-year life
RoHS compliant
Designed to meet global performance standards
ATEX and IEC Ex Certified per EN IEC 60079-0 and EN IEC 60079-11
Designed to meet performance standards: BS EN 45544-1, AS/NZS 4641 and ANSI/ISA 92.00.01




Similar Part No. - AD300-R04D-CIT

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD3000-8TO SENSORTECHNICS-AD3000-8TO Datasheet
611Kb / 3P
APD with 7 mm짼 active area
AD3000-9TO SENSORTECHNICS-AD3000-9TO Datasheet
608Kb / 3P
APD with 7 mm짼 active area
logo
TOKYO SEIMITSU CO., LTD
AD3000T ACCRETECH-AD3000T Datasheet
578Kb / 2P
FULLY AUTOMATIC DICING MACHINE
More results


Similar Description - AD300-R04D-CIT

ManufacturerPart #DatasheetDescription
logo
Hanwei Electronics Grou...
MQ-136 HANWEI-MQ-136 Datasheet
148Kb / 2P
GAS SENSOR
MQ-131 HANWEI-MQ-131 Datasheet
83Kb / 2P
GAS SENSOR
logo
Zhengzhou Winsen Electr...
MC115 WINSEN-MC115 Datasheet
458Kb / 6P
Catalytic Gas Sensor
MH-741A WINSEN-MH-741A Datasheet
624Kb / 8P
Intelligent Infrared Methane Gas Sensor
MP-5 WINSEN-MP-5 Datasheet
517Kb / 7P
Flammable Gas Sensor
ME4-NO2 WINSEN-ME4-NO2 Datasheet
625Kb / 6P
Nitrogen Dioxide Gas Sensor
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
ME4-SO2 WINSEN-ME4-SO2 Datasheet
630Kb / 6P
Sulfur Dioxide Gas Sensor
logo
Hanwei Electronics Grou...
MQ-2 HANWEI-MQ-2 Datasheet
59Kb / 2P
GAS SENSOR
MQ-7 HANWEI-MQ-7 Datasheet
59Kb / 3P
GAS SENSOR
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com