Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0022 Datasheet (PDF) - Vishay Precision Group, Inc.

0022 Datasheet PDF - Vishay Precision Group, Inc.
Part # 0022
Download  0022 Download
File Size   478.02 Kbytes
Page   3 Pages
Manufacturer  VPG [Vishay Precision Group, Inc.]
Direct Link  https://vpgsensors.com/
Logo VPG - Vishay Precision Group, Inc.
Description Low Profile Aluminum Load Cell

0022 Datasheet (PDF)

Go To PDF Page Download Datasheet
0022 Datasheet PDF - Vishay Precision Group, Inc.

Part # 0022
Download  0022 Click to download

File Size   478.02 Kbytes
Page   3 Pages
Manufacturer  VPG [Vishay Precision Group, Inc.]
Direct Link  https://vpgsensors.com/
Logo VPG - Vishay Precision Group, Inc.
Description Low Profile Aluminum Load Cell

0022 Datasheet (HTML) - Vishay Precision Group, Inc.


0022 Product details

FEATURES
• Capacities 10–30 kg
• Aluminum construction
• Single-point 350 x 350 mm platform
• Patent-pending vLite™ technology
• OIML R60, NTEP, ATEX, IECEx, UKCA and FM approvals pending.
• IP66 protection

APPLICATIONS
• Bench scales
• Counting scales
• Grocery scales

DESCRIPTION
Model 0022 is a low-profile, single-point load cell designed for direct mounting in weighing scales/platforms. Leveraging vLite™ technology, it is constructed from aviation-grade metal, with a hollow beam.
Its small physical size and light weight, combined with high accuracy and low cost, make this load cell ideally suited for retail, bench and counting scales.
Supplied as standard in anodized aluminum, this high- accuracy load cell is pending approval to OIML & NTEP standards.
A proprietary triple-redundant humidity-resistant protective construction assures long-term stability over a _wide range of environmental conditions.




Similar Part No. - 0022

ManufacturerPart #DatasheetDescription
logo
Heyco.
0022 HEYCO-0022 Datasheet
133Kb / 1P
Original Strain Relief Bushing Assembly Pliers Instructions and Spare Parts
0022 HEYCO-0022 Datasheet
74Kb / 1P
Original Strain Relief Bushing Assembly Pliers Directory and Jaw Settings Guide
logo
Molex Electronics Ltd.
0022-12-1042 MOLEX1-0022-12-1042 Datasheet
61Kb / 1P
KK2.5 RIGHT ANGLE WAFER ASSY
logo
List of Unclassifed Man...
00220 ETC1-00220 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
logo
Molex Electronics Ltd.
0022011022 MOLEX2-0022011022 Datasheet
127Kb / 2P
2.50mm (.098) Pitch KK짰 Wire-to-Board Housing, Female, Friction Lock, for 2759/5159 Crimp Terminals, 2 Circuits
More results


Similar Description - 0022

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
60051 VISHAY-60051 Datasheet
325Kb / 3P
Low Profile Platform Cell
07-Jun-04
logo
List of Unclassifed Man...
PCI-9524 ETC2-PCI-9524 Datasheet
266Kb / 2P
24-Bit Precision Load Cell Input Card
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
SparkFun Electronics
SEN-13332 SPARKFUN-SEN-13332 Datasheet
90Kb / 2P
Load Cell - 200kg, Disc (TAS606)
9??8??7
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
logo
G.M. International
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
logo
KISTLER INSTRUMENT CORP...
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
logo
Zemic Europe B.V.
B9C ZEMIC-B9C Datasheet
488Kb / 4P
Type B9C Load Cell
Rev6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com