Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX23L Datasheet (PDF) - Hirose Electric

FX23L Datasheet PDF - Hirose Electric
Part # FX23L
Download  FX23L Download
File Size   1784.94 Kbytes
Page   32 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors

FX23L Datasheet (PDF)

Go To PDF Page Download Datasheet
FX23L Datasheet PDF - Hirose Electric

Part # FX23L
Download  FX23L Click to download

File Size   1784.94 Kbytes
Page   32 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors

FX23L Datasheet (HTML) - Hirose Electric


FX23L Product details

Features
1. Pitch: 0. 5mm
2. Connection Type: Stacking ( Height 8 to 30mm) / Right Angle
3. Positions Available: 20/ 40/ 60/ 80/ 100/ 120 for signal + 4 pins for power
4. Floating Range
: X Direction: ±0. 6mm
: Y Direction: ±0. 6mm
A floating movement above the connector pitch is possible.
5. High Speed Transmission ( 8 +Gbps)
6. Hybrid Power Design ( 3A/ pin×4 lines)
The guide posts on both sides of the connector are equipped with 4 lines of power contacts in addition to signal contacts.
7. Current Capacity: Signal Contact 0. 5A/ pin Power Contact 3A/ pin
8. Pick & Place ( suction tape attached as standard)
9. Large guide post for excellent mating performance
Easy mating operation due to large self- alignment range.




Similar Part No. - FX23L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX23L HIROSE-FX23L Datasheet
996Kb / 20P
High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
logo
PANDUIT CORP.
FX23L1N1NN PANDUIT-FX23L1N1NN Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
FX23L1N1NO PANDUIT-FX23L1N1NO Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
FX23L1N1NS PANDUIT-FX23L1N1NS Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
FX23L1N3NN PANDUIT-FX23L1N3NN Datasheet
197Kb / 2P
Opti-Core® Fiber Optic Patch Cords and Pigtails
4/2016
More results


Similar Description - FX23L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
0.5mm Pitch Board to Board Connector
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
0.5mm Pitch Board to Board Connector
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
Hirose Electric
FX16 HIROSE-FX16 Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com