Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS2MTPF-G-JNERE2 Datasheet (PDF) - RAMXEED LIMITED

MB85RS2MTPF-G-JNERE2 Datasheet PDF - RAMXEED LIMITED
Part # MB85RS2MTPF-G-JNERE2
Download  MB85RS2MTPF-G-JNERE2 Download
File Size   1284.08 Kbytes
Page   28 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 2 M (256 K × 8) Bit SPI

MB85RS2MTPF-G-JNERE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS2MTPF-G-JNERE2 Datasheet PDF - RAMXEED LIMITED

Part # MB85RS2MTPF-G-JNERE2
Download  MB85RS2MTPF-G-JNERE2 Click to download

File Size   1284.08 Kbytes
Page   28 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 2 M (256 K × 8) Bit SPI

MB85RS2MTPF-G-JNERE2 Datasheet (HTML) - RAMXEED LIMITED


MB85RS2MTPF-G-JNERE2 Product details

DESCRIPTION
MB85RS2MT is a FRAM (Ferroelectric Random Access Memory) chip in a configuration of 262,144
words × 8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
MB85RS2MT adopts the Serial Peripheral Interface (SPI).
The MB85RS2MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS2MT can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS2MT does not take long time to write data like Flash memories or E2PROM, and MB85RS2MT takes
no wait time.
FEATURES
Bit configuration : 262,144 words × 8 bits
Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
Operating frequency : 25 MHz (Max)
For FSTRD command 2.7 V to 3.6 V, 40 MHz (Max)
High endurance : 1013 times / byte
Data retention : 10 years (+85 °C)
Operating power supply voltage : 1.8 V to 3.6 V
Low power consumption : Operating power supply current 10.6 mA (Max@25 MHz) (TBD)
Standby current 150 μA (Max) (TBD)
Sleep current 10 μA (Max) (TBD)
Operation ambient temperature range : -40 °C to +85 °C
Package : 8-pin plastic SOP (FPT-8P-M08)
8-pin plastic DIP (DIP-8P-M03)
RoHS compliant




Similar Part No. - MB85RS2MTPF-G-JNERE2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS2MTPF-G-JNERE2 FUJITSU-MB85RS2MTPF-G-JNERE2 Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
More results


Similar Description - MB85RS2MTPF-G-JNERE2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com