Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293D Datasheet (PDF) - STMicroelectronics

L293D Datasheet PDF - STMicroelectronics
Part # L293D
Download  L293D Download
File Size   80.68 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES

L293D Datasheet (PDF)

Go To PDF Page Download Datasheet
L293D Datasheet PDF - STMicroelectronics

Part # L293D
Download  L293D Click to download

File Size   80.68 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES

L293D Datasheet (HTML) - STMicroelectronics


L293D Product details

DESCRIPTION
The Device is a monolithic integrated high voltage, high current four channel driver designed to accept standard DTL or TTL logic levels and drive inductive loads (such as relays solenoides, DC and stepping motors) and switching power transistors.
To simplify use as two bridges each pair of channels is equipped with an enable input. A separate supply input is provided for the logic, allowing operation at a lower voltage and internal clamp diodes are included.
This device is suitable for use in switching applications at frequencies up to 5 kHz.
The L293D is assembled in a 16 lead plastic packaage which has 4 center pins connected to gether and used for heatsinking The L293DD is assembled in a 20 lead surface mount which has 8 center pins connected to gether and used for heatsinking.

■ 600mA OUTPUT CURRENT CAPABILITY PER CHANNEL
■ 1.2A PEAK OUTPUT CURRENT (non repetitive) PER CHANNEL
■ ENABLE FACILITY
■ OVERTEMPERATURE PROTECTION
■ LOGICAL "0" INPUT VOLTAGE UP TO 1.5 V (HIGH NOISE IMMUNITY)
■ INTERNAL CLAMP DIODES




Similar Part No. - L293D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293D TI-L293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D Datasheet
862Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
July 2003
logo
Texas Instruments
L293D TI-L293D Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
logo
SYC Electronica
L293D SYC-L293D Datasheet
261Kb / 12P
QUADRUPLE HALF-H DRIVERS
More results


Similar Description - L293D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
Integrated Circuit Push-Pull Four Channel Driver
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
Apr-1993
L293DD013TR STMICROELECTRONICS-L293DD013TR Datasheet
862Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
July 2003
L293B STMICROELECTRONICS-L293B_03 Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
L2293Q STMICROELECTRONICS-L2293Q Datasheet
278Kb / 12P
Push-pull four channel driver with diodes
10-Jul-2008
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
Jul-2003
L293D STMICROELECTRONICS-L293D_03 Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
L2293QTR STMICROELECTRONICS-L2293QTR Datasheet
281Kb / 13P
Push-pull four channel driver with diodes
12-Aug-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com