Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2DF108HF Datasheet (PDF) - nVent Electric plc

P2DF108HF Datasheet PDF - nVent Electric plc
Part # P2DF108HF
Download  P2DF108HF Download
File Size   730.75 Kbytes
Page   6 Pages
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc
Description Side Door Adapter

P2DF108HF Datasheet (PDF)

Go To PDF Page Download Datasheet
P2DF108HF Datasheet PDF - nVent Electric plc

Part # P2DF108HF
Download  P2DF108HF Click to download

File Size   730.75 Kbytes
Page   6 Pages
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc
Description Side Door Adapter

P2DF108HF Datasheet (HTML) - nVent Electric plc


P2DF108HF Product details

APPLICAT ION
PROLINE G2 Side Door Adapters allow the mounting of a standard
door to the side of the enclosure. When mounted to the enclosure,
they maintain enclosure environmental integrity.

APPLICAT ION
The Door Stop Kit is used for modular enclosures and holds doors
open at 130 degrees.

FEATU RES
• High-performance, 3/8-in. (9.5 mm) aluminum stop arm
• DELRIN® gliders for smooth actuation
• BV-M6 fasteners to attach the door stop to the frame and door




Similar Part No. - P2DF108HF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P2D MEANWELL-P2D Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
P2D 760K MEANWELL-P2D 760K Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
SYNERGY MICROWAVE CORPO...
P2D100800 SYNERGY-P2D100800 Datasheet
373Kb / 3P
2-Way Power divider
P2D180900L SYNERGY-P2D180900L Datasheet
344Kb / 3P
2-WAY POWER DIVIDER
P2D2001800 SYNERGY-P2D2001800 Datasheet
386Kb / 3P
2-WAY POWER DIVIDER
More results


Similar Description - P2DF108HF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
Door, lock & key
DH-FC1 GAMEWELL-FCI-DH-FC1 Datasheet
208Kb / 2P
Electromagnetic Door Holders
logo
Richco, Inc.
DL-1X RICHCO-DL-1X Datasheet
70Kb / 1P
DOOR LATCH
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
logo
List of Unclassifed Man...
V-9767-L ETC1-V-9767-L Datasheet
63Kb / 1P
ECNGLAS DOOR
AX102651 ETC2-AX102651 Datasheet
100Kb / 3P
Faceplates and Panels - KeyConnect Side Entry Box with Shutter Door 1-Port
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
logo
FIBOX Enclosing innovat...
8120718 FIBOX-8120718 Datasheet
54Kb / 2P
Inner door set
11.01.2023
8120719 FIBOX-8120719 Datasheet
54Kb / 2P
Inner door set
11.01.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com