Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N-3040 Datasheet (PDF) - APM Hexseal Corporation All Rights Reserved

N-3040 Datasheet PDF - APM Hexseal Corporation All Rights Reserved
Part # N-3040
Download  N-3040 Download
File Size   2776.64 Kbytes
Page   21 Pages
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved
Description Hermetic Environmental Sealing Boots for Switches & Potentiometers

N-3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
N-3040 Datasheet PDF - APM Hexseal Corporation All Rights Reserved

Part # N-3040
Download  N-3040 Click to download

File Size   2776.64 Kbytes
Page   21 Pages
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved
Description Hermetic Environmental Sealing Boots for Switches & Potentiometers

N-3040 Datasheet (HTML) - APM Hexseal Corporation All Rights Reserved


N-3040 Product details

Typical Applications
• Marine instrument panels
• Military equipment and vehicles
• Food processing equipment
• Air conditioning systems
• Heat pumps
• Off-road construction equipment
• Machine tool controls
• Spas/hot tubs
• Commercial laundry equipment
• Construction elevator controls
• Waste treatment system controls
• Chemical plant process controls
• Paint spraying equipment
• Industrial machinery
• Medical electronic equipment
• Ground support equipment
• Electronic/electrical instrument control panels
• Emergency power equipment
• Outdoor compressor/pump controls
• Transport refrigeration systems
• Automotive diagnostic equipment
• Lighting control centers
• Commercial refrigeration systems
• Or any application requiring environmental protection for switches.
Learn how others apply HEXSEAL® Switch Boots – visit our website “Sealing Solutions” application notes.

Features & Benefits
• Designed and made in USA … to insure high, consistent quality with local full tech service backup.
• Exclusive UL-Recognized HEXSEAL® & E-SEEL® Boots … facilitate easier “agency approval” of the equipment in which they are used. No other competitive seals in the world have these approvals.
• Third party inspection … UL regularly inspects our facilities and products.
• Military Specifications … most HEXSEAL® Boots are produced to meet MIL-DTL-5423 (see product pages specification charts).
• Time Tested … since our original patents and for more than 60 years, millions of HEXSEAL® Boots reliably function in hostile conditions throughout the world.
• Transparent RUBRGLAS® (indicators) rugged silicone rubber material… resists tearing and most hostile environmental contaminants. Retains tactile feel, will not discolor, yellow, crack or dry out due to UV/aging.
• Choose precise boot color for color matching…to match panel and/or delineate function – identification.
• DFARS compliant
• RoHS compliant … per document 2002/95/EC
• Patented perimeter sealing rib … seals the switch/circuit breaker panel-mounting cutout, preventing contaminant seepage.
• Toggle actuated boots feature secondary inner seal … to protect against contaminant entry in the event the upper chamber portion is punctured. And, also protects against differential pressure. (See figure 4.)
• All toggle and pushbutton boots feature high-strength rubber-to-metal bond … cross-linking adhesion assures rubber will not separate from the mounting nut.
• Pre-lubricated (optional) half-toggle and full-toggle boots … assure easier installation on large diameter actuators.
• Custom design requirements welcome … in addition to standard products described in this catalog, APM provides technical design assistance with fast, economical prototyping.




Similar Part No. - N-3040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N-300-2 ETC2-N-300-2 Datasheet
161Kb / 1P
NARROW PRESS-IN CARD GUIDE
logo
Bivar, Inc.
N-300-2 BIVAR-N-300-2 Datasheet
579Kb / 1P
NARROW PRESS-IN CARD GUIDE
11/13/02
logo
Nell Semiconductor Co.,...
N-30EPU06 NELLSEMI-N-30EPU06 Datasheet
1Mb / 6P
FRED Ultrafast Soft Recovery Diode, 30 A
N-30EPU12 NELLSEMI-N-30EPU12 Datasheet
1Mb / 6P
FRED Ultrafast Soft Recovery Diode, 30 A
N-30ETU06 NELLSEMI-N-30ETU06 Datasheet
1Mb / 6P
FRED Ultrafast Soft Recovery Diode, 30 A
More results


Similar Description - N-3040

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
Composite Cable-Sealing Environmental Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
Composite Cable-Sealing Environmental Backshell
770-001S103 GLENAIR-770-001S103 Datasheet
187Kb / 1P
Environmental Shrink Boots
logo
List of Unclassifed Man...
NC3030716-284 ETC2-NC3030716-284 Datasheet
316Kb / 3P
Sealing Boots for Pushbutton-Actuated Switches
logo
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
High-Pressure Environmental/Hermetic
220-04 GLENAIR-220-04 Datasheet
111Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut Receptacle
220-07 GLENAIR-220-07 Datasheet
120Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut
227-039 GLENAIR-227-039 Datasheet
301Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com