Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIESV4 Datasheet (PDF) - Dwyer Instruments,

SERIESV4 Datasheet PDF - Dwyer Instruments,
Part # SERIESV4
Download  SERIESV4 Download
File Size   729.06 Kbytes
Page   2 Pages
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,
Description FLOTECT® VANE OPERATED FLOW SWITCH

SERIESV4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SERIESV4 Datasheet PDF - Dwyer Instruments,

Part # SERIESV4
Download  SERIESV4 Click to download

File Size   729.06 Kbytes
Page   2 Pages
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,
Description FLOTECT® VANE OPERATED FLOW SWITCH

SERIESV4 Datasheet (HTML) - Dwyer Instruments,


SERIESV4 Product details

BENEFITS/FEATURES
• Superior performance with unique magnetically-actuated switching design
• Increased product life due to free-swinging vane, which attracts a magnet within the solid metal switch body and actuates a snap switch by means of a simple lever arm with no bellows, springs, or seals to fail
• Meets application requirements with durable leak-proof body machined from bar stock
• Save time and money on maintenance with electrical assembly that can be easily replaced without removing the unit from installation so that the process does not have to be shut down
• Quick installation with fitting that installs directly and easily into pipeline with a threadolet, tee, or flange (see application drawings)
• Meets the most demanding applications with high pressure rating of 1000 psig (69 bar) for the brass body and 2000 psig (138 bar) for the SS body
• Solves customer flow application needs with choice of custom vane calibrated specifically for your application, Model V4, or field adjustable multilayer vane, Model V4-2-U (see set point chart)

APPLICATIONS
• Protects pumps, motors and other equipment against low or no flow
• Controls sequential operation of pumps
• Automatically starts auxiliary pumps and engines
• Stops liquid cooled engines, machines and processing when coolant flow is interrupted
• Shuts down burner when air flow through heating coil fails
• Controls dampers according to flow




Similar Part No. - SERIESV4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
Series 3M-Series Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Dwyer Instruments,
SERIES RM DWYER-SERIES RM Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
logo
Coherent Corp
SERIES-PAZ COHERENT-SERIES-PAZ Datasheet
377Kb / 2P
Polarizer - Analyzer - Attenuator
logo
Precid-Dip Durtal SA
SERIES110 PREDIP-SERIES110 Datasheet
23Kb / 4P
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
SERIES150 PREDIP-SERIES150 Datasheet
23Kb / 4P
High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
More results


Similar Description - SERIESV4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HKZ121 SIEMENS-HKZ121 Datasheet
142Kb / 7P
Hall-Effect Vane Switch
logo
Honeywell Solid State E...
3AV2A HONEYWELL-3AV2A Datasheet
76Kb / 1P
Vane operated position sensor
logo
Extech Instruments Corp...
451112 EXTECH-451112 Datasheet
161Kb / 5P
Vane Anemometer
logo
Honeywell Solid State E...
413SR10 HONEYWELL-413SR10 Datasheet
150Kb / 1P
MAGNETICALLY OPERATED HALL SWITCH
logo
Honeywell Accelerometer...
2AV54 HONEYWELL-ACC-2AV54 Datasheet
222Kb / 1P
SOLID STATE VANE SWITCH
103SR13A-4 HONEYWELL-ACC-103SR13A-4 Datasheet
142Kb / 1P
MAGNETICALLY OPERATED CYLINDRICAL HALL SWITCH
logo
Honeywell Solid State E...
613SS2 HONEYWELL-613SS2 Datasheet
95Kb / 1P
SOLID STATE SWITCH MAGNETICALLY OPERATED
SR17C-J6 HONEYWELL-SR17C-J6 Datasheet
138Kb / 1P
VANE SENSOR
logo
Motorola, Inc
MC141502 MOTOROLA-MC141502 Datasheet
42Kb / 1P
Tone operated Switch
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
Vane anemometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com