Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200R Datasheet (PDF) - Texas Instruments

AMC0200R Datasheet PDF - Texas Instruments
Part # AMC0200R
Download  AMC0200R Download
File Size   1855.54 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output

AMC0200R Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0200R Datasheet PDF - Texas Instruments

Part # AMC0200R
Download  AMC0200R Click to download

File Size   1855.54 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output

AMC0200R Datasheet (HTML) - Texas Instruments


AMC0200R Product details

1 Features
• Linear input voltage range: ±250mV
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Single-ended, ratiometric output
– Reference Input: 2.7V to 5.5V
• Low DC errors:
– Offset error: ±0.2mV (maximum)
– Offset drift: ±3μV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±35ppm/°C (maximum)
– Nonlinearity: 0.04% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0200R: Basic isolation
– AMC0300R: Reinforced Isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Industrial motor drives
• Frequency inverters
• Server Power Supply Units (PSU)
• Power Factor Correction (PFC)

3 Description
The AMC0x00R is a precision, galvanically isolated
amplifier with a ±250mV, differential input and singleended,
ratiometric output. The input is optimized for
direct connection to a shunt resistor or other lowimpedance
signal source.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The AMC0x00R outputs a single-ended signal
proportional to the input voltage. The full-scale output
is set by the voltage applied to the REFIN pin. The
output of the AMC0x00R is designed to connect
directly to the input of an ADC. Connect REFIN to
the same reference voltage as the ADC to match the
dynamic input voltage range of the ADC.
The AMC0x00R comes in 8-pin, wide- and narrowbody
SOIC packages, and is fully specified over the
temperature range from –40°C to +125°C.




Similar Part No. - AMC0200R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0200R TI2-AMC0200R Datasheet
1Mb / 37P
AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
REVISED JUNE 2026
AMC0200R-Q1 TI2-AMC0200R-Q1 Datasheet
2Mb / 48P
AMC0x00R-Q1 Automotive, Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
DECEMBER 2025
AMC0200RDR TI2-AMC0200RDR Datasheet
1Mb / 37P
AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
REVISED JUNE 2026
More results


Similar Description - AMC0200R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1202 TI-AMC1202 Datasheet
1Mb / 32P
AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
SBASAB8 ??MAY 2021
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com