Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4513-SP Datasheet (PDF) - Texas Instruments

THS4513-SP Datasheet PDF - Texas Instruments
Part # THS4513-SP
Download  THS4513-SP Download
File Size   1392.66 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH5485-SP Radiation Hardened Assured, Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier

THS4513-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4513-SP Datasheet PDF - Texas Instruments

Part # THS4513-SP
Download  THS4513-SP Click to download

File Size   1392.66 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH5485-SP Radiation Hardened Assured, Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier

THS4513-SP Datasheet (HTML) - Texas Instruments


THS4513-SP Product details

1 Features
• QMLV (QML class V) MIL-PRF-38535 qualified,
SMD 5962R1920401VXC
– TID assured for every wafer lot up to 100krad
(Si)
– Single event latch-up (SEL) immune to
LET = 77MeV-cm2/mg
– Qualified over the military temperature range:
–55°C to +125°C
• Gain bandwidth product (GBWP): 850MHz
• Slew rate: 1400V/μs
• HD2, HD3: –111dBc, –149dBc (100kHz, 2VPP)
• Input voltage noise: 2.4nV/√Hz
• Low offset drift: ±0.5μV/°C (typical)
• Negative rail input (NRI), rail-to-rail output (RRO)
• Power supply:
– Supply voltage range: 2.7V to 5.4V
– Quiescent current: 10.1mA
– Power-down capability: 2μA (typical)

2 Applications
• Low-power, high-performance ADC driver:
– SAR, ΔΣ, and pipeline
• Differential DAC output driver
• Command and data handling
• Launch vehicle systems
• Space imaging systems:
– Optical imaging payload
– Radar imaging payload
– Thermal imaging cameras

3 Description
The LMH5485-SP is a radiation-hardened assured,
low-power, voltage-feedback, fully differential amplifier
(FDA). This device is able to achieve a high gain
bandwidth product (GBWP) of 850MHz to maintain
excellent distortion performance over a wide range
of frequencies. This wide bandwidth range is also
achieved with a relatively low power consumption of
10.1mA and broadband voltage noise of 2.4nV/√Hz.
These features make the LMH5485-SP an excellent
choice for power-sensitive data acquisition systems
with frequencies > 10MHz that require both the best
signal-to-noise ratio (SNR) and spurious-free dynamic
range (SFDR).
The LMH5485-SP features the negative-rail input
required when interfacing with a dc-coupled, groundcentered
source signal. This negative-rail input
with a rail-to-rail output allows for easy interface
between single-ended, ground-referenced, bipolar
signal sources and a wide variety of successive
approximation register (SAR), delta-sigma (ΔΣ), or
pipeline ADCs using only a single 2.7V to 5.4V power
supply. The LMH5485-SP also features a low offset
voltage drift of ±0.5μV/°C to maintain excellent dc
performance over a wide temperature range of –55°C
to +125°C.




Similar Part No. - THS4513-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP Datasheet
914Kb / 25P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP Datasheet
1Mb / 31P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP Datasheet
1Mb / 35P
LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
THS4513-SP TI-THS4513-SP Datasheet
1Mb / 33P
LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
More results


Similar Description - THS4513-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1_V01 Datasheet
2Mb / 64P
THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
LMH5485-SP TI-LMH5485-SP Datasheet
1Mb / 32P
LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP_V01 Datasheet
1Mb / 33P
LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com