Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1228 Datasheet (PDF) - CEE Norm UK Ltd

1228 Datasheet PDF - CEE Norm UK Ltd
Part # 1228
Download  1228 Download
File Size   1575.05 Kbytes
Page   4 Pages
Manufacturer  CEENORM [CEE Norm UK Ltd]
Direct Link  https://www.ceenorm.co.uk/
Logo CEENORM - CEE Norm UK Ltd
Description Socket Outlets

1228 Datasheet (PDF)

Go To PDF Page Download Datasheet
1228 Datasheet PDF - CEE Norm UK Ltd

Part # 1228
Download  1228 Click to download

File Size   1575.05 Kbytes
Page   4 Pages
Manufacturer  CEENORM [CEE Norm UK Ltd]
Direct Link  https://www.ceenorm.co.uk/
Logo CEENORM - CEE Norm UK Ltd
Description Socket Outlets

1228 Datasheet (HTML) - CEE Norm UK Ltd




Similar Part No. - 1228

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1228 YANTEL-1228 Datasheet
79Kb / 2P
Variable RF Inductor
logo
Evolt
12281 EKTOR-12281 Datasheet
574Kb / 3P
MERCURY ADV
5th of February 2025 02:44:39
logo
Littelfuse
122814-000 LITTELFUSE-122814-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
logo
Weidmuller
1228170000 WEIDMULLER-1228170000 Datasheet
461Kb / 7P
BLZP 5.08HC/12/180 SN GN BX
1228190000 WEIDMULLER-1228190000 Datasheet
299Kb / 7P
BLZ 7.50/08/180 SN GN BX
More results


Similar Description - 1228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2946ALM ETC2-K2946ALM Datasheet
273Kb / 3P
Metalclad Plus??Socket Outlets
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
PV1000HF ETC2-PV1000HF Datasheet
532Kb / 4P
PowerVerter짰 1000W Compact Inverter with 4 Outlets
PV1800HF ETC2-PV1800HF Datasheet
519Kb / 4P
PowerVerter짰 1800W Compact Inverter with 4 Outlets
logo
Shenzhen Huazhimei Semi...
HM6600 HMSEMI-HM6600 Datasheet
377Kb / 7P
Wall-Adapter/Power Plugs, Outlets
logo
Schneider Electric
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
Apr 8, 2020
BE425M SCHNEIDER-BE425M Datasheet
76Kb / 2P
APC Back-UPS, 6 Outlets, 425VA, 120V
logo
TP-Link Technologies Co...
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
logo
Schurter Inc.
BC320 SCHURTER-BC320 Datasheet
118Kb / 1P
Blind cover for appliance outlets
BC320 SCHURTER-BC320_V01 Datasheet
118Kb / 1P
Blind cover for appliance outlets
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com