Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSD20 Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

HSD20 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # HSD20
Download  HSD20 Download
File Size   1437.85 Kbytes
Page   4 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description Unidirectional TVS Diodes

HSD20 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSD20 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSD20
Download  HSD20 Click to download

File Size   1437.85 Kbytes
Page   4 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description Unidirectional TVS Diodes

HSD20 Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


HSD20 Product details

FEATURES
 IEC61000-4-2 (ESD) ±30kV (Contact)
±30kV (Air)
 IEC61000-4-4 (EFT) 40A (5/50ηs)
 350 Watts Peak Pulse Power per (tp=8/20μs)
 Protects one I/O line (unidirectional)
 Low clamping voltage
 Working voltages: 3.3V to 36V
 Low leakage current




Similar Part No. - HSD20

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HSD20C HUIXIN-HSD20C Datasheet
868Kb / 4P
Bidirectional TVS Diodes
More results


Similar Description - HSD20

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Guangdong Youtai Semico...
SD03 UMW-SD03 Datasheet
435Kb / 3P
Unidirectional TVS Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com