Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM12 Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

HSM12 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # HSM12
Download  HSM12 Download
File Size   1417.5 Kbytes
Page   4 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description TVS Diode Array

HSM12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSM12 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSM12
Download  HSM12 Click to download

File Size   1417.5 Kbytes
Page   4 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description TVS Diode Array

HSM12 Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


HSM12 Product details

FEATURES
 IEC61000-4-2 (ESD) ±30kV (Contact)
±30kV (Air)
 IEC61000-4-4 (EFT) 40A (5/50ηs)
 350 Watts Peak Pulse Power per (tp=8/20μs)
 Protects one bidirectional line or two
unidirectional lines
 Low clamping voltage
 Working voltages: 3.3V to 36V
 Low leakage current




Similar Part No. - HSM12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSM122 RENESAS-HSM122 Datasheet
55Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSM123 RENESAS-HSM123 Datasheet
85Kb / 7P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM124 HITACHI-HSM124 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for Switching
HSM124S HITACHI-HSM124S Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for Switching
logo
Renesas Technology Corp
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
More results


Similar Description - HSM12

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com