Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H07N3JM Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

H07N3JM Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # H07N3JM
Download  H07N3JM Download
File Size   733.96 Kbytes
Page   8 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description 30V Trench N and P-Channel MOSFET

H07N3JM Datasheet (PDF)

Go To PDF Page Download Datasheet
H07N3JM Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H07N3JM
Download  H07N3JM Click to download

File Size   733.96 Kbytes
Page   8 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description 30V Trench N and P-Channel MOSFET

H07N3JM Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


H07N3JM Product details

Features:
• Fast switching speed
• 100% avalanche tested
• Improved dv/dt capability
• Enhanced Avalanche Ruggedness
• Lead Free
Applications:
• Synchronous Rectification in SMPS
• Hard Switching and High Speed Circuit
• Power Tools
• Motor Control




Similar Part No. - H07N3JM

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
N-Channel Power Field Effect Transistor
H07N60E HSMC-H07N60E Datasheet
61Kb / 5P
N-Channel Power Field Effect Transistor
H07N60F HSMC-H07N60F Datasheet
61Kb / 5P
N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
N-Channel Power Field Effect Transistor
logo
Guangdong Huixin Electr...
H07N65D HUIXIN-H07N65D Datasheet
850Kb / 6P
7A N-Channel Power MOSFET
More results


Similar Description - H07N3JM

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF2001 AUK-SUF2001 Datasheet
638Kb / 13P
Dual N and P-channel Trench MOSFET
logo
Guangdong Kexin Industr...
KDD6030L KEXIN-KDD6030L Datasheet
69Kb / 2P
30V N-Channel Power Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF2001 KODENSHI-SUF2001 Datasheet
541Kb / 13P
30V Dual N-and P-channel Trench MSFET
logo
MagnaChip Semiconductor...
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1536 MGCHIP-MDU1536 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
logo
Shenzhen Meipusen Semic...
MSN03R034S MAPLESMI-MSN03R034S Datasheet
825Kb / 6P
30V N-Channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV50ENEA NEXPERIA-PMV50ENEA Datasheet
728Kb / 16P
30V, N-channel Trench MOSFET
PMF250XNE NEXPERIA-PMF250XNE Datasheet
720Kb / 15P
30V N-channel Trench MOSFET
logo
Guangdong Youtai Semico...
AO4616 UMW-AO4616 Datasheet
540Kb / 11P
30V P-Channel And N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com