Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2Z Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

RC2Z Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # RC2Z
Download  RC2Z Download
File Size   56.23 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

RC2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
RC2Z Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # RC2Z
Download  RC2Z Click to download

File Size   56.23 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description FAST RECOVERY RECTIFIER

RC2Z Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


RC2Z Product details

VOLTAGE RANGE: 2000 V
CURRENT: 0.2 A

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0

MECHANICAL DATA
◇ Case:JEDEC DO-41,molded plastic
◇ Terminals: Axial lead ,solderable per
   MIL- STD-202,Method 208
◇ Polarity: Color band denotes cathode
◇ Weight:0.012 ounces, 0.34 grams
◇ Mounting position: Any




Similar Part No. - RC2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RC2 TAYCHIPST-RC2 Datasheet
911Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
236Kb / 4P
Silicon Rectifier Diode
logo
Diode Semiconductor Kor...
RC2 DSK-RC2 Datasheet
278Kb / 2P
FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RC2 SUNMATE-RC2 Datasheet
304Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results


Similar Description - RC2Z

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com