Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE48017 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE48017 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE48017
Download  PE48017 Download
File Size   282.64 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMB Plug Connector Crimp Attachment for LMR- 100, PE-B100, PE-C100, 0.100 Inch Cable

PE48017 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE48017 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE48017
Download  PE48017 Click to download

File Size   282.64 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMB Plug Connector Crimp Attachment for LMR- 100, PE-B100, PE-C100, 0.100 Inch Cable

PE48017 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE48017 Product details

Features
• Max. Operating Frequency 3 GHz
• Excellent VSWR of 1.2:1
• Gold over Nickel over Copper Plated Beryllium Copper Contact




Similar Part No. - PE48017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48012 PASTERNACK-PE48012 Datasheet
287Kb / 3P
SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
PE48014 PASTERNACK-PE48014 Datasheet
280Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-240 Cable
A
More results


Similar Description - PE48017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34455 PASTERNACK-PE34455 Datasheet
108Kb / 1P
CABLE ASSEMBLY PE-B100 SMA MALE TO SMB PLUG
PE34488 PASTERNACK-PE34488 Datasheet
110Kb / 1P
CABLE ASSEMBLY PE-B100 SMB PLUG TO SMB PLUG
PE34490 PASTERNACK-PE34490 Datasheet
114Kb / 1P
CABLE ASSEMBLY PE-B100 SMB PLUG TO SMB PLUG RIGHT ANGLE
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE37536 PASTERNACK-PE37536 Datasheet
101Kb / 1P
CABLE ASSEMBLY, PE-B100, BNC MALE TO SMB PLUG
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com