Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE82P5030 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE82P5030 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE82P5030
Download  PE82P5030 Download
File Size   358.08 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Adjustable Phase Shifter, DC to 26.5 GHz, With an Adjustable Phase of 30 deg / GHz minimum, SMA

PE82P5030 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE82P5030 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE82P5030
Download  PE82P5030 Click to download

File Size   358.08 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Adjustable Phase Shifter, DC to 26.5 GHz, With an Adjustable Phase of 30 deg / GHz minimum, SMA

PE82P5030 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE82P5030 Product details

Features
• Adjustable Phase Shifter
• DC to 26.5 GHz Range
• 30 Degree per GHz minimum Optimized Control Range
• 100 Watts CW Max Input Power
• Insertion Loss 1.5 dB Max




Similar Part No. - PE82P5030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P5000 PASTERNACK-PE82P5000 Datasheet
665Kb / 13P
8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE82P5002 PASTERNACK-PE82P5002 Datasheet
442Kb / 7P
8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
PE82P5003 PASTERNACK-PE82P5003 Datasheet
366Kb / 3P
8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
More results


Similar Description - PE82P5030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE82P2000 PASTERNACK-PE82P2000 Datasheet
570Kb / 8P
Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8254 PASTERNACK-PE8254 Datasheet
245Kb / 3P
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com