Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5626 Datasheet (PDF) - Analog Devices

AD5626 Datasheet PDF - Analog Devices
Part # AD5626
Download  AD5626 Download
File Size   794.86 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages

AD5626 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5626 Datasheet PDF - Analog Devices

Part # AD5626
Download  AD5626 Click to download

File Size   794.86 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages

AD5626 Datasheet (HTML) - Analog Devices


AD5626 Product details

GENERAL DESCRIPTION
The AD5626, a member of the nanoDAC® family, is a complete serial input, 12-bit, voltage output digital-to-analog converter (DAC) designed to operate from a single 5 V supply. It contains the DAC, input shift register and latches, reference, and a railto-rail output amplifier. The AD5626 monolithic DAC offers the user low cost and ease of use in 5 V only systems.

FEATURES
   8-lead MSOP and 8-lead LFCSP packages
   Complete voltage output with internal reference
   1 mV/bit with 4.095 V full scale
   5 V single-supply operation
   No external components required
   3-wire serial interface, 20 MHz data loading rate
   Low power: 2.5 mW

APPLICATIONS
   Portable instrumentation
   Digitally controlled calibration
   Servo controls
   Process control equipment
   PC peripherals




Similar Part No. - AD5626

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
9/05-Rev. 0 to Rev. A
More results


Similar Description - AD5626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
Differential ADC in MSOP/LFCSP
REV. B
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
PulSAR ADCs in MSOP/LFCSP
Rev. B
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
PulSAR ADC in MSOP and LFCSP
15-Jul-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com