Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1202 Datasheet (PDF) - Analog Devices

ADG1202 Datasheet PDF - Analog Devices
Part # ADG1202
Download  ADG1202 Download
File Size   293.22 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23

ADG1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1202 Datasheet PDF - Analog Devices

Part # ADG1202
Download  ADG1202 Click to download

File Size   293.22 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23

ADG1202 Datasheet (HTML) - Analog Devices


ADG1202 Product details

GENERAL DESCRIPTION
The ADG1201/ADG1202 are monolithic complementary metal-oxide semiconductor (CMOS) devices containing an SPST switch designed in an iCMOS® (industrial CMOS) process. iCMOS is a modular manufacturing process combining high voltage CMOS and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size.

FEATURES
   2.4 pF off capacitance
   <1 pC charge injection
   Low leakage; 0.6 nA maximum @ 85°C
   120 Ω on resistance
   Fully specified at ±15 V, +12 V
   No VL supply required
   3 V logic-compatible inputs
   Rail-to-rail operation
   6-lead SOT-23 package

APPLICATIONS
   Automatic test equipment
   Data acquisition systems
   Battery-powered systems
   Sample-and-hold systems
   Audio signal routing
   Video signal routing
   Communication systems




Similar Part No. - ADG1202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Nov-2004
ADG1204 AD-ADG1204 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
ADG1204YCP AD-ADG1204YCP Datasheet
453Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Nov-2004
ADG1204YCPZ-500RL7 AD-ADG1204YCPZ-500RL7 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YCPZ-REEL7 AD-ADG1204YCPZ-REEL7 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results


Similar Description - ADG1202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com