Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9785-EBZ Datasheet (PDF) - Analog Devices

AD9785-EBZ Datasheet PDF - Analog Devices
Part # AD9785-EBZ
Download  AD9785-EBZ Download
File Size   1244.88 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO

AD9785-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9785-EBZ Datasheet PDF - Analog Devices

Part # AD9785-EBZ
Download  AD9785-EBZ Click to download

File Size   1244.88 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO

AD9785-EBZ Datasheet (HTML) - Analog Devices


AD9785-EBZ Product details

GENERAL DESCRIPTION
The AD9785/AD9787/AD9788 are 12-bit, 14-bit, and 16-bit, high dynamic range TxDAC® devices, respectively, that provide a sample rate of 800 MSPS, permitting multicarrier generation up to the Nyquist frequency. Features are included for optimizing direct conversion transmit applications, including complex digital modulation, as well as gain, phase, and offset compensation. The DAC outputs are optimized to interface seamlessly with analog quadrature modulators, such as the ADL5375 family from Analog Devices, Inc. A serial peripheral interface (SPI) provides for programming and readback of many internal parameters. Full-scale output current can be programmed over a range of 10 mA to 30 mA. The AD9785/AD9787/AD9788 family is manufactured on a 0.18 μm CMOS process and operates from 1.8 V and 3.3 V supplies. It is enclosed in a 100-lead TQFP package.

FEATURES
   Analog output: adjustable 8.7 mA to 31.7 mA,
      RL = 25 Ω to 50 Ω
   Low power, fine complex NCO allows carrier placement
      anywhere in DAC bandwidth while adding <300 mW power
   Auxiliary DACs allow I and Q gain matching and offset control
   Includes programmable I and Q phase compensation
   Internal digital upconversion capability
   Multiple chip synchronization interface
   High performance, low noise PLL clock multiplier
   Digital inverse sinc filter
   100-lead, exposed pad TQFP package

APPLICATIONS
   Wireless infrastructure
      W-CDMA, CDMA2000, TD-SCDMA, WiMAX, GSM
   Digital high or low IF synthesis
   Transmit diversity
   Wideband communications
      LMDS/MMDS, point-to-point




Similar Part No. - AD9785-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9785-DPG2-EBZ AD-AD9785-DPG2-EBZ Datasheet
1Mb / 62P
Low Power 32-Bit Complex NCO
5/2018-Rev. B to Rev. C
More results


Similar Description - AD9785-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9780 AD-AD9780 Datasheet
1Mb / 36P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
Dual 14-bit DAC, up to 125 Msps
logo
Texas Instruments
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
Dual 12-/14-/16-Bit
REV. A
logo
Texas Instruments
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
Low Power 32-Bit Complex NCO
5/2018-Rev. B to Rev. C
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
Dual 14-bit DAC, up to 125 Msps
2 July 2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com