Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2Z Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

RG2Z Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # RG2Z
Download  RG2Z Download
File Size   58.9 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description HIGH EFFICIENCY RECTIFIER

RG2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
RG2Z Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # RG2Z
Download  RG2Z Click to download

File Size   58.9 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description HIGH EFFICIENCY RECTIFIER

RG2Z Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


RG2Z Product details

VOLTAGE RANGE: 70 --- 600 V
CURRENT: 1.5 --- 1.0 A

FEATURES
Low cost
Diffused junction
similar solvents
Easily cleaned with freon, alcohol, lsopropand and
High current capability
Low leakage
Low forward voltage drop

MECHANICAL DATA
Case: JEDEC DO-15L, molded plastic Method 208
Mounting: Any
Terminals: Axial leads,solderable per MIL-STD-202,
Polarity: Color band denotes cathode
Weight: 0.017 ounces, 0.48 grams




Similar Part No. - RG2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG2Z EIC-RG2Z Datasheet
29Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
RG2Z EIC-RG2Z Datasheet
41Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
RG2Z SUNMATE-RG2Z Datasheet
307Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results


Similar Description - RG2Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com