Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSQ0170RNA Datasheet (PDF) - ON Semiconductor

FSQ0170RNA Datasheet PDF - ON Semiconductor
Part # FSQ0170RNA
Download  FSQ0170RNA Download
File Size   481.99 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Mode Fairchild Power Switch (FPS™)

FSQ0170RNA Datasheet (PDF)

Go To PDF Page Download Datasheet
FSQ0170RNA Datasheet PDF - ON Semiconductor

Part # FSQ0170RNA
Download  FSQ0170RNA Click to download

File Size   481.99 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Green Mode Fairchild Power Switch (FPS™)

FSQ0170RNA Datasheet (HTML) - ON Semiconductor


FSQ0170RNA Product details

Features
 Internal Avalanche Rugged 700V SenseFET
 Consumes only 0.8W at 230 VAC & 0.5W Load with Burst-Mode Operation
 Precision Fixed Operating Frequency, 100kHz
 Internal Start-up Circuit and Built-in Soft-Start
 Pulse-by-Pulse Current Limiting and Auto-Restart Mode
 Over-Voltage Protection (OVP), Overload Protection (OLP), Internal Thermal Shutdown Function (TSD)
 Under-Voltage Lockout (UVLO)
 Low Operating Current (3mA)
 Adjustable Peak Current Limit

Applications
 Auxiliary Power Supply for PC and Server
 SMPS for VCR, SVR, STB, DVD & DVCD Player, Printer, Facsimile & Scanner
 Adapter for Camcorder

Description
The FSQ0170RNA, and FSQ0270RNA, consists of an integrated current mode Pulse Width Modulator (PWM) and an avalanche-rugged 700V Sense FET. It is specifically designed for high-performance off-line Switch Mode Power Supplies (SMPS) with minimal external components. The integrated PWM controller features include: a fixed-frequency generating oscillator, Under-Voltage Lockout (UVLO) protection, Leading Edge Blanking (LEB), an optimized gate turn-on/ turn-off driver, Thermal Shutdown (TSD) protection, and temperature compensated precision current sources for loop compensation and fault protection circuitry.
Compared to a discrete MOSFET and controller or RCC switching converter solution, the FSQ0170RNA, and FSQ0270RNA reduces total component count, design size, and weight while increasing efficiency, productivity, and system reliability. These devices provide a basic platform that is well suited for the design of cost-effective flyback converters, as in PC auxiliary power supplies.




Similar Part No. - FSQ0170RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0170RNA FAIRCHILD-FSQ0170RNA Datasheet
938Kb / 17P
Green Mode Fairchild Power Switch (FPS??
FSQ0170RNA FAIRCHILD-FSQ0170RNA Datasheet
970Kb / 17P
Green Mode Fairchild Power Switch (FPS??
FSQ0170RNA FAIRCHILD-FSQ0170RNA_07 Datasheet
970Kb / 17P
Green Mode Fairchild Power Switch (FPS??
FSQ0170RNA FAIRCHILD-FSQ0170RNA_11 Datasheet
442Kb / 17P
Green Mode Fairchild Power Switch (FPS??
More results


Similar Description - FSQ0170RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
Green Mode Fairchild Power Switch (FPS)
FSCQ FAIRCHILD-FSCQ_06 Datasheet
1Mb / 45P
Green Mode Fairchild Power Switch (FPS??
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
Green Mode Fairchild Power Switch (FPS??
FSQ0170RNA FAIRCHILD-FSQ0170RNA_07 Datasheet
970Kb / 17P
Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
Green Mode Fairchild Power Switch (FPS??
DNP015 FAIRCHILD-DNP015 Datasheet
1,023Kb / 13P
Green Mode Fairchild Power Switch (FPS™)
April 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com