Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10040220P Datasheet (PDF) - PREMIER DEVICES, INC.

S10040220P Datasheet PDF - PREMIER DEVICES, INC.
Part # S10040220P
Download  S10040220P Download
File Size   154.9 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Push Pull Hybrid 40 - 1000MHz 22dB min. Gain @ 1000MHz 270mA max. @ 24VDC

S10040220P Datasheet (PDF)

Go To PDF Page Download Datasheet
S10040220P Datasheet PDF - PREMIER DEVICES, INC.

Part # S10040220P
Download  S10040220P Click to download

File Size   154.9 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Push Pull Hybrid 40 - 1000MHz 22dB min. Gain @ 1000MHz 270mA max. @ 24VDC

S10040220P Datasheet (HTML) - PREMIER DEVICES, INC.




Similar Part No. - S10040220P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S10040220P RFMD-S10040220P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040220P QORVO-S10040220P Datasheet
345Kb / 4P
CATV Push Pull Hybrid 1000MHz 22dB
logo
RF Micro Devices
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
More results


Similar Description - S10040220P

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040200GT PDI-D10040200GT Datasheet
126Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040270GT PDI-D10040270GT Datasheet
134Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040270GTH PDI-D10040270GTH Datasheet
134Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
S10040280GT PDI-S10040280GT Datasheet
88Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 28.0dB min. Gain @ 1000MHz 260mA max. @ 24VDC
S10040240P PDI-S10040240P Datasheet
155Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 24.0dB min. Gain @ 1000MHz 255mA max. @ 24VDC
S10040230GT PDI-S10040230GT Datasheet
87Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 23.5dB min. Gain @ 1GHz 250mA max. @ 24VDC
S10040220GT PDI-S10040220GT Datasheet
65Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 23.0dB min. Gain @ 1GHz 240mA max. @ 24VDC
S10040200P PDI-S10040200P Datasheet
160Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 20dB min. Gain @ 1000MHz 260mA max. @ 24VDC
S8740220P PDI-S8740220P Datasheet
127Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 22dB min. Gain @ 870MHz 270mA max. @ 24VDC
logo
Qorvo, Inc
S10040220P QORVO-S10040220P Datasheet
345Kb / 4P
CATV Push Pull Hybrid 1000MHz 22dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com