Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2993 Datasheet (PDF) - Keystone Electronics Corp.

2993 Datasheet PDF - Keystone Electronics Corp.
Part # 2993
Download  2993 Download
File Size   392.48 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS

2993 Datasheet (PDF)

Go To PDF Page Download Datasheet
2993 Datasheet PDF - Keystone Electronics Corp.

Part # 2993
Download  2993 Click to download

File Size   392.48 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS

2993 Datasheet (HTML) - Keystone Electronics Corp.




Similar Part No. - 2993

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
DUAL H-BRIDGE MOTOR DRIVERS
logo
KR Electronics, Inc.
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
logo
Alpha Wire
2993 ALPHAWIRE-2993 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Adafruit Industries
2993 ADAFRUIT-2993 Datasheet
129Kb / 3P
Tower Light - Red Yellow Green Alert Light with Buzzer - 12VDC
2/24/2016
logo
List of Unclassifed Man...
2993-6001 ETC2-2993-6001 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
More results


Similar Description - 2993

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KR-5R5V104-R COOPER-KR-5R5V104-R Datasheet
306Kb / 4P
Coin Cell Supercapacitors
logo
Dubilier
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
List of Unclassifed Man...
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
Coin Cell Capacitors
12BH002-GR ETC2-12BH002-GR Datasheet
83Kb / 1P
20MM Coin Cell Holder Surface Mount
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
Coin Cell Holder
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
Coin Cell Holder
122-2820-GR ETC2-122-2820-GR Datasheet
188Kb / 1P
SMT 20mm Coin Cell Battery Holder
logo
Harwin Plc
S8421-45R HARWIN-S8421-45R Datasheet
126Kb / 2P
SMT COIN CELL HLDER FOR CR2032 TAPE REELED
logo
Adam Technologies, Inc.
BH-49A-5 ADAM-TECH-BH-49A-5 Datasheet
167Kb / 1P
COIN CELL BATTERY HOLDER FOR CELL CR2032, SMT TYPE
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com