Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3198 Datasheet (PDF) - RF Micro Devices

RF3198 Datasheet PDF - RF Micro Devices
Part # RF3198
Download  RF3198 Download
File Size   333.93 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND GSM900/DCS POWER AMP MODULE

RF3198 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3198 Datasheet PDF - RF Micro Devices

Part # RF3198
Download  RF3198 Click to download

File Size   333.93 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND GSM900/DCS POWER AMP MODULE

RF3198 Datasheet (HTML) - RF Micro Devices


RF3198 Product details

Product Description
The RF3198 is a high-power, high-efficiency power amplifier module with integrated power control. The device is a self-contained 7mmx7mmx0.9mm lead frame module (LFM) with 50Ω input and output terminals. The power control function is also incorporated, eliminating the need for directional couplers, detector diodes, power control ASICs and other power control circuitry; this allows the module to be driven directly from the DAC output. The device is designed for use as the final RF amplifier in EGSM900 and DCS handheld digital cellular equipment and other applications in the 880MHz to 915MHz and 1710MHz to 1785MHz bands. On-board power control provides over 50dB of control range with an analog voltage input; and, power down with a logic “low” for standby operation.

Features
■ Integrated VREG
■ Complete Power Control Solution
■ +35dBm GSM Output Power at 3.5V
■ +33dBm DCS Output Power at 3.5V
■ 60% GSM and 55% DCSEFF
■ 7mmx7mmx0.9mm Package Size

Applications
■ 3V Dual-Band GSM Handsets
■ Commercial and Consumer Systems
■ Portable Battery-Powered Equipment
■ EGSM900/DCS Products
■ GPRS Class 10 Compatible
■ Power StarTM Module




Similar Part No. - RF3198

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3191 REYCONNS-RF3191 Datasheet
246Kb / 5P
SAW Filter
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196PCBA-41X RFMD-RF3196PCBA-41X Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196SB RFMD-RF3196SB Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Similar Description - RF3198

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com