Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2030X Datasheet (PDF) - Orister Corporation

RS2030X Datasheet PDF - Orister Corporation
Part # RS2030X
Download  RS2030X Download
File Size   292.05 Kbytes
Page   7 Pages
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation
Description Lowest Cost Green-Power Off-Line PWM Controller

RS2030X Datasheet (PDF)

Go To PDF Page Download Datasheet
RS2030X Datasheet PDF - Orister Corporation

Part # RS2030X
Download  RS2030X Click to download

File Size   292.05 Kbytes
Page   7 Pages
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation
Description Lowest Cost Green-Power Off-Line PWM Controller

RS2030X Datasheet (HTML) - Orister Corporation


RS2030X Product details

Description
The RS2030 is a high performance green-power offline power supply PWM controller. It features a scalable driver for driving external NPN (13003) or MOSFET transistors for line voltage switching. This proprietary architecture enables many advanced features to be integrated into a small package (TO-92), resulting in lowest total cost solution.

Features
● Low Start-up Current
● 0.15W Standby Power
● Emitter Drive Allows Safe NPN Flyback Use
● Cycle-by-cycle current limiting
● Built-in Synchronized Slope Compensation
● Current Mode Operation
● Over-Current Protection (OCP) * Selectable 400mA to 800mA Current Limit
● Short Circuits Protection (SCP)
● Under-voltage Protection with Auto-restart
● Proprietary Scalable Output Driver
● HBM ESD Voltage > 5000V
● 67kHz or 100kHz Fixed Switching Frequency
● Low EMI Technique
● Bullt-in high Voltage MOSFET (>30V)

Applications
● Battery Charger Adapter
● Standby Power Supplies
● Universal Off-Line Power Supplies




Similar Part No. - RS2030X

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030A ORISTER-RS2030A Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
RS2030B ORISTER-RS2030B Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
RS2030C ORISTER-RS2030C Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
RS2030D ORISTER-RS2030D Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
More results


Similar Description - RS2030X

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
logo
Dialog Semiconductor
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
Low-Power Off-line Digital Green-Mode PWM Controller
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com