Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2051 Datasheet (PDF) - Orister Corporation

RS2051 Datasheet PDF - Orister Corporation
Part # RS2051
Download  RS2051 Download
File Size   525.27 Kbytes
Page   13 Pages
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation
Description Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode

RS2051 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS2051 Datasheet PDF - Orister Corporation

Part # RS2051
Download  RS2051 Click to download

File Size   525.27 Kbytes
Page   13 Pages
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation
Description Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode

RS2051 Datasheet (HTML) - Orister Corporation


RS2051 Product details

Description
The RS2051 is a highly integrated low cost current mode PWM controller, which is ideal for small power current mode of offline AC-DC fly-back converter applications. Making use of external resistors, the IC changes the operating frequency and automatically enters the PFM/CRM (Cycle Reset Mode) under light-load/zero-load conditions. This can minimize standby power consumption and achieve power-saving functions. With a very low start-up current, the RS2051 could use a large value start-up resistor (2Mohms). Built-in synchronized slope compensation enhances the stability of the system and avoids sub-harmonic oscillation. Dynamic peak current limiting circuit minimizes output power change caused by delay time of the system over a universal AC input range.

Features
● Low Cost, PWM&PFM&CRM (Cycle Reset Mode)
● Low Start-up Current (about 1.5μA)
● Low Operating Current (about 2.2mA)
● Current Mode Operation
● Under Voltage Lockout (UVLO)
● Built-in Synchronized Slope Compensation
● Built-in fixed soft start with 1.2mS
● Built-in Frequency jitter for better EMI Signature
● Programmable PWM Frequency
● Audio Noise Free Operation
● Leading edge Blanking on Sense input
● Constant output power limiting for universal AC input Range
● SOT-23-6L、 SOP8 and DIP-8 Pb-Free Packaging Compatible with SG6848 (6849) / SG5701 / SG5848 / LD7535 (7550) / OB2262 (2263) / OB2278( 2279)
● Soft Clamped GATE output voltage 16.5V
● VDD over voltage protect 25.6V
● Cycle-by-cycle current limiting
● Sense Fault Protect ion
● OTP (Over Temperature Protection)
● Output SCP (Short circuit Protection)
● Output OLP (Over Load Protection)
● Latch mode After OLP&SCP
● High-Voltage CMOS Process with ESD

Applications
● Switching AC/DC Adaptor
● Battery Charger
● Open Frame Switching Power Supply
● Standby Power Supplies
● Set-Top Box Power Supplies
● 384X Replacement




Similar Part No. - RS2051

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2051 PTC-RS2051 Datasheet
547Kb / 5P
Green-Mode PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2051N ORISTER-RS2051N Datasheet
334Kb / 11P
Green-Mode PWM Controller with Frequency Jiggling for Low EMI
logo
Princeton Technology Co...
RS2051N PTC-RS2051N Datasheet
547Kb / 5P
Green-Mode PWM Controller with Frequency Jiggling
logo
Orister Corporation
RS2051P ORISTER-RS2051P Datasheet
334Kb / 11P
Green-Mode PWM Controller with Frequency Jiggling for Low EMI
logo
Princeton Technology Co...
RS2051P PTC-RS2051P Datasheet
547Kb / 5P
Green-Mode PWM Controller with Frequency Jiggling
More results


Similar Description - RS2051

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H6842 HSMC-H6842 Datasheet
265Kb / 6P
Novel Low Cost Green-Power PWM Controller
H6849 HSMC-H6849 Datasheet
415Kb / 13P
Novel Low Cost Green-Power PWM Controller
H6850 HSMC-H6850 Datasheet
419Kb / 13P
Novel Low Cost Green-Power PWM Controller
logo
Unisonic Technologies
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863 UTC-UC3863_17 Datasheet
262Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
logo
List of Unclassifed Man...
CR6853 ETC1-CR6853 Datasheet
166Kb / 11P
Novel Low Cost Green-Power PWM Controller With Low EMI Technique
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com