Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS388 Datasheet (PDF) - Hexawave, Inc

HWS388 Datasheet PDF - Hexawave, Inc
Part # HWS388
Download  HWS388 Download
File Size   140.25 Kbytes
Page   3 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs 0.95-2.15 GHz 4x2 Switch Matrix

HWS388 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS388 Datasheet PDF - Hexawave, Inc

Part # HWS388
Download  HWS388 Click to download

File Size   140.25 Kbytes
Page   3 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs 0.95-2.15 GHz 4x2 Switch Matrix

HWS388 Datasheet (HTML) - Hexawave, Inc


HWS388 Product details

Description
The HWS388 is a GaAs PHEMT 4x2 switch operating at 0.95 to 2.15 GHz in a low cost TSSOP16 plastic package. Any of the four inputs can be directed to any of the two outputs. The HWS388 is suitable for use in Direct Broadcast Satellite (DBS) switching system applications.

Features
• Four Inputs, Two Outputs switch
• Insertion Loss: 5.5 dB
• Isolation: 30.5 dB
• Low DC Power Consumption
• Small TSSOP16 Plastic Package
• PHEMT process




Similar Part No. - HWS388

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS382 HW-HWS382 Datasheet
119Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS383 HW-HWS383 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results


Similar Description - HWS388

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
(4x2) GaAs Switch Matrix
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
Hexawave, Inc
HWS412 HW-HWS412 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS417 HW-HWS417 Datasheet
133Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS428 HW-HWS428 Datasheet
103Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS433 HW-HWS433 Datasheet
77Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com