Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS408 Datasheet (PDF) - Hexawave, Inc

HWS408 Datasheet PDF - Hexawave, Inc
Part # HWS408
Download  HWS408 Download
File Size   77.87 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-3 GHz SPDT Switch

HWS408 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS408 Datasheet PDF - Hexawave, Inc

Part # HWS408
Download  HWS408 Click to download

File Size   77.87 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-3 GHz SPDT Switch

HWS408 Datasheet (HTML) - Hexawave, Inc


HWS408 Product details

Description

The HWS408 is a GaAs SPDT switch operating at DC-3 GHz in a low cost SOT-363 plastic lead (Pb) free  package.  The  HWS408  features  low  insertion loss  with  very  low  DC  power  consumption.  This

switch  can  be  used  in  many  wireless  digital communication systems like IEEE 802.11b/g WLAN

and  Bluetooth  for  transmit/receive  selection  or antenna diversity function.



Features

•  Low Insertion Loss:0.4 dB @ 2.5 GHz

•  Isolation: 25 dB @ 2.5 GHz

•  Low DC Power Consumption

•  Low Cost SOT-363 Plastic Lead (Pb) FreePackage

•  Lead Free and RoHS (Restrict of Hazardous Substances) Compliant Version of HWS314




Similar Part No. - HWS408

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
More results


Similar Description - HWS408

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com