Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX8822 Datasheet (PDF) - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD

CX8822 Datasheet PDF - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD
Part # CX8822
Download  CX8822 Download
File Size   790.51 Kbytes
Page   8 Pages
Manufacturer  CXW [SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD]
Direct Link  http://www.cxwic.com/
Logo CXW - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD
Description CX8822/5V3.5A CC/CVDC-DC Synchronous Step-Down IC

CX8822 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX8822 Datasheet PDF - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD

Part # CX8822
Download  CX8822 Click to download

File Size   790.51 Kbytes
Page   8 Pages
Manufacturer  CXW [SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD]
Direct Link  http://www.cxwic.com/
Logo CXW - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD
Description CX8822/5V3.5A CC/CVDC-DC Synchronous Step-Down IC

CX8822 Datasheet (HTML) - SHENZHEN CHENGXINWEI TECHNOLOGY CO.,LTD


CX8822 Product details

Features
● Input withstand voltage up to 36V
● Input overvoltage protection
● Built-in 50mΩ High-side PMOS
● Built-in 30mΩ Low-side NMOS
● Supports 3A continuous output current
● Built-in high-precision constant current and constant voltage control loops
● Constant current accuracy ±6%
● Constant voltage accuracy ±2%
● No external compensation required
● Fixed switching frequency of 135kHz
● Cable-compensated voltage drop
● Ultra-simple application circuitry
● Short circuit protection (SCP), over-temperature protection (OTP), overvoltage protection (OVP), and undervoltage protection (UVLO)
● SOP-8L package




Similar Part No. - CX8822

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX8825 ETC2-CX8825 Datasheet
1Mb / 7P
36V 3 A, CV&CC Synchronous Step-Down DC/DC Convertor
More results


Similar Description - CX8822

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Active-Semi, Inc
ACT4501 ACTIVE-SEMI-ACT4501 Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
ACT4501 ACTIVE-SEMI-ACT4501_14 Datasheet
466Kb / 16P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
EA4501SH ACTIVE-SEMI-EA4501SH Datasheet
467Kb / 15P
1.25A CC/CV Step-Down DC/DC Converter
Rev 2, 14-Nov-12
logo
Eutech Microelectronics...
EUP3268A EUTECH-EUP3268A Datasheet
100Kb / 1P
CC/CV Mode Synchronous Step-Down Converter
EUP3269 EUTECH-EUP3269 Datasheet
94Kb / 1P
CC/CV Mode Synchronous Step-Down Converter
EUP3270 EUTECH-EUP3270 Datasheet
93Kb / 1P
CC/CV Mode Synchronous Step-Down Converter
logo
List of Unclassifed Man...
CX8825 ETC2-CX8825 Datasheet
1Mb / 7P
36V 3 A, CV&CC Synchronous Step-Down DC/DC Convertor
logo
Shenzhen Huazhimei Semi...
HM3113A HMSEMI-HM3113A Datasheet
870Kb / 10P
40V, 3.5A CC and CV Synchronous Step-Down DC/DC Converter
logo
List of Unclassifed Man...
CX8812 ETC-CX8812 Datasheet
645Kb / 8P
CC/CV DC-DC Asynchronous Step-Down IC
V1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com