Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2990D4-28V Datasheet (PDF) - Chicago Miniature Lamp,inc

2990D4-28V Datasheet PDF - Chicago Miniature Lamp,inc
Part # 2990D4-28V
Download  2990D4-28V Download
File Size   147.35 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description 2990D Series Non-Relampable Incandescent Indicator Lights

2990D4-28V Datasheet (PDF)

Go To PDF Page Download Datasheet
2990D4-28V Datasheet PDF - Chicago Miniature Lamp,inc

Part # 2990D4-28V
Download  2990D4-28V Click to download

File Size   147.35 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description 2990D Series Non-Relampable Incandescent Indicator Lights

2990D4-28V Datasheet (HTML) - Chicago Miniature Lamp,inc


2990D4-28V Product details

DESCRIPTION AND FEATURES
Mounting: Ø.310 MIN., supplied with push-on speednut SN1287.
Wire Leads: No.22 AWG (105°C) 4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate




Similar Part No. - 2990D4-28V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2990D4-28V CML-2990D4-28V Datasheet
219Kb / 1P
Non-Relampable Incandescent Indicator Lights
More results


Similar Description - 2990D4-28V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2195QA CML-2195QA Datasheet
229Kb / 1P
Non-Relampable Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2990D CML-2990D Datasheet
219Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990P CML-2990P Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
logo
Visual Communications C...
1050C VCC-1050C Datasheet
70Kb / 1P
Non-Relampable Incandescent Indicator Lights
1090QA VCC-1090QA Datasheet
63Kb / 1P
Non-Relampable Incandescent Indicator Lights
2150A VCC-2150A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2195QA VCC-2195QA Datasheet
62Kb / 1P
Non-Relampable Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com