Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5616A Datasheet (PDF) - Global Mixed-mode Technology Inc

G5616A Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5616A
Download  G5616A Download
File Size   83.32 Kbytes
Page   2 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference

G5616A Datasheet (PDF)

Go To PDF Page Download Datasheet
G5616A Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5616A
Download  G5616A Click to download

File Size   83.32 Kbytes
Page   2 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference

G5616A Datasheet (HTML) - Global Mixed-mode Technology Inc


G5616A Product details

Features
•Synchronous Buck Controller (VDDQ)
„ Ultra-High Efficiency
„ No Current-Sense Resistor (Lossless ILIMIT)
„ Quasi-PWM with 100ns Load-Step Response
„ 1.8V(DDRII) /1.5V(DDRIII) Fixed or 0.75V to 3.6V
Adjustable Output Range
„ 2V to 28V Battery Input Range
„ Programmable Switching Frequency
„ OVP & UVP of VDDQ Output
„ Drives Large Synchronous-Rectifier FETs
„ Power-Good Indicator
•2-A LDO (VTT), Buffered Reference (VTTREF)
„ Support DDR (1.25 VTT) , DDR II (0.9 VTT) and
DDRIII(0.75 VTT) Requirements
„ VLDOIN Voltage Range: 1.2V to 3.6V
„ Requires Only 20µF Ceramic VTT Output Capacitance
„ Supports High-Z in S3 and Soft-Off in S5
„ Integrated Divider Tracks 1/2 VDDQSNS for
Both VTT and VTTREF
„ Remote Sensing (VTTSNS)
„ ±20mV Accuracy for VTT and VTTREF
„ 10mA Buffered Reference (VTTREF)
„ Built-In Soft-Start to Reduce the VLDOIN Surging Current
„ Over Current Protection of VTT Output
„ Thermal Shutdown Protection

Applications
„ Notebook Computers
„ CPU Core Supply
„ Chipset/RAM Supply as Low as 0.75V
„ 1.8V and 2.5V I/O Supply

General Description
The G5616A is intended for DDR/SSTL-2,
DDRII/SSTL-18 and DDRIII memory systems. It integrates a synchronous buck PWM controller with a 2A
sink-source linear regulator and buffered reference.
The PWM controller uses constant on-time control
scheme to handle wide input/output voltage ratios with
ease and provides 100ns “instant-on” response to
load transients while maintaining a relatively constant
switching frequency. The G5616A achieves high efficiency at a reduced cost by eliminating the current-sense resistor found in traditional current-mode
PWMs. Efficiency is further enhanced by an ability to
drive very large synchronous rectifier MOSFETs. Single-stage buck conversion allows these devices to
directly step down high-voltage batteries for the highest possible efficiency.
The 2A sink/source tracking termination regulator is
specifically designed for low-cost/ low-external component count systems. The regulator contains a high
speed operational amplifier that provides fast load
transient response with only 20µF (2x10µF) of ceramic
output capacitance. The G5616A supports remote
sensing functions and all features required to power
the DDR /DDRII /DDRIII VTT bus termination according to the JEDEC specification. In addition, the
G5616A includes integrated sleep-state controls placing VTT in High-Z in S3 (suspend to RAM) and soft-off
for VTT and VTTREF in S5 (Shutdown).
The G5616A provides OVP, UVP, over current and
thermal shutdown protection functions and is available
in a 20-pin 3X3 TQFN package and 24-pin 4X4 TQFN
includes over voltage protection.




Similar Part No. - G5616A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
G5616R51U GMT-G5616R51U Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
G5616RZ1U GMT-G5616RZ1U Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
More results


Similar Description - G5616A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Texas Instruments
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com