Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS411 Datasheet (PDF) - Hexawave, Inc

HWS411 Datasheet PDF - Hexawave, Inc
Part # HWS411
Download  HWS411 Download
File Size   121.29 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz DPDT Switch

HWS411 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS411 Datasheet PDF - Hexawave, Inc

Part # HWS411
Download  HWS411 Click to download

File Size   121.29 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz DPDT Switch

HWS411 Datasheet (HTML) - Hexawave, Inc


HWS411 Product details

Description
The HWS411 is a GaAs PHEMT MMIC DPDT switch operating at DC-6 GHz in a low cost miniature QFN12L (3 x 3 mm) plastic package. The HWS411 features low insertion loss and high isolation up to 6 GHz with very low DC power consumption. This switch can be used in IEEE 802.11a/b/g WLAN systems for combination of transmit/receive and antenna diversity functions.

Features
• Low Insertion Loss : 0.8 dB @ 2.5 GHz 1.0 dB @ 4.9 to 6.0 GHz
• High Isolation: 43 dB @ 2.5 GHz 36 dB @ 4.9 to 6.0 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Package
• PHEMT process




Similar Part No. - HWS411

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS412 HW-HWS412 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS415 HW-HWS415 Datasheet
77Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results


Similar Description - HWS411

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS383 HW-HWS383 Datasheet
121Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415 HW-HWS415 Datasheet
77Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS453_V3 HW-HWS453_V3_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS436_V3 HW-HWS436_V3_15 Datasheet
73Kb / 3P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com