Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7135ANZ Datasheet (PDF) - Shenzhen Haitian Microelectronics Co., Ltd.

HT7135ANZ Datasheet PDF - Shenzhen Haitian Microelectronics Co., Ltd.
Part # HT7135ANZ
Download  HT7135ANZ Download
File Size   169.87 Kbytes
Page   12 Pages
Manufacturer  HTCSEMI [Shenzhen Haitian Microelectronics Co., Ltd.]
Direct Link  http://www.htcsemi.com/index.asp
Logo HTCSEMI - Shenzhen Haitian Microelectronics Co., Ltd.
Description 4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS

HT7135ANZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7135ANZ Datasheet PDF - Shenzhen Haitian Microelectronics Co., Ltd.

Part # HT7135ANZ
Download  HT7135ANZ Click to download

File Size   169.87 Kbytes
Page   12 Pages
Manufacturer  HTCSEMI [Shenzhen Haitian Microelectronics Co., Ltd.]
Direct Link  http://www.htcsemi.com/index.asp
Logo HTCSEMI - Shenzhen Haitian Microelectronics Co., Ltd.
Description 4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS

HT7135ANZ Datasheet (HTML) - Shenzhen Haitian Microelectronics Co., Ltd.


HT7135ANZ Product details

description
The HT7135A and TLC7135A converters are manufactured with Htcsemi Instruments highly efficient
CMOS technology. These 4 1/2-digit, dual-slope-integrating, analog-to-digital converters (DACs) are
designed to provide interfaces to both a microprocessor and a visual display. The digit-drive outputs D1
through D4 and multiplexed binary-coded-decimal outputs B1, B2, B4, and B8 provide an interface
for LED or LCD decoder/drivers as well as microprocessors.
The HT7135A and TLC7135A offer 50-ppm (one part in 20,000) resolution with a maximum linearity error of
one count. The zero error is less than 10 µV and zero drift is less than 0.5 µV/°C. Source-impedance errors are
minimized by low input current (less than 10 pA). Rollover error is limited to ±1 count.
The BUSY, STROBE, RUN/HOLD, OVER RANGE, and UNDER RANGE control signals support
microprocessor-based measurement systems. The control signals also can support remote data acquisition
systems with data transfer through universal asynchronous receiver transmitters (UARTs).
The HT7135A and TLC7135A are characterized for operation from 0°C to 70°C.




Similar Part No. - HT7135ANZ

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7130 HOLTEK-HT7130 Datasheet
94Kb / 8P
High Voltage Regulator
August 8, 2000
logo
SHENZHEN FUMAN ELECTRON...
HT7130 FUMAN-HT7130 Datasheet
992Kb / 4P
30mA Linear Regulator
logo
Multicomp Pro
HT7130 MULTICOMP-HT7130 Datasheet
253Kb / 3P
High Voltage LDO Regulator
29/07/24 V1.0
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
HT7130-1 HOLTEK-HT7130-1 Datasheet
158Kb / 14P
30mA Low Power LDO
More results


Similar Description - HT7135ANZ

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com