Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5308445 Datasheet (PDF) - SICK AG

5308445 Datasheet PDF - SICK AG
Part # 5308445
Download  5308445 Download
File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

5308445 Datasheet (PDF)

Go To PDF Page Download Datasheet
5308445 Datasheet PDF - SICK AG

Part # 5308445
Download  5308445 Click to download

File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

5308445 Datasheet (HTML) - SICK AG


5308445 Product details

Features
Version Short Range
Product category RFID read/write device with integrated antenna
Radio approval European Union USA Canada Australia Korea México China India United Kingdom
Frequency band HF (13.56 MHz)
Carrier frequency 13.56 MHz
Output power 200 mW
RFID standard ISO/IEC 15693
Connection type IO-Link
Read range ≤ 60 mm
Antenna Integrated
Air interface data transmission rate 26 kbit/s




Similar Part No. - 5308445

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53084 TEC-53084 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
logo
SICK AG
5308497 SICK-5308497 Datasheet
317Kb / 4P
Actuators
2023-12-13 01:48:51
More results


Similar Description - 5308445

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
2017-05-12
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
RFID
2017-05-12
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
RFID
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com