Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1089794 Datasheet (PDF) - SICK AG

1089794 Datasheet PDF - SICK AG
Part # 1089794
Download  1089794 Download
File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

1089794 Datasheet (PDF)

Go To PDF Page Download Datasheet
1089794 Datasheet PDF - SICK AG

Part # 1089794
Download  1089794 Click to download

File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

1089794 Datasheet (HTML) - SICK AG


1089794 Product details

Features
Version Short Range
Product category RFID read/write device with integrated antenna
Radio approval European Union USA Canada Australia Korea México China India United Kingdom
Frequency band HF (13.56 MHz)
Carrier frequency 13.56 MHz
Output power 200 mW
RFID standard ISO/IEC 15693
Connection type IO-Link
Read range ≤ 60 mm
Antenna Integrated
Air interface data transmission rate 26 kbit/s




Similar Part No. - 1089794

ManufacturerPart #DatasheetDescription
logo
SICK AG
1089792 SICK-1089792 Datasheet
703Kb / 8P
SENSOR INTEGRATION GATEWAY
2023-11-29 10:20:54
1089796 SICK-1089796 Datasheet
703Kb / 8P
SENSOR INTEGRATION GATEWAY
2023-11-29 10:20:54
More results


Similar Description - 1089794

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
RFID
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
RFID
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
RFID
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com