Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1610018 Datasheet (PDF) - SICK AG

1610018 Datasheet PDF - SICK AG
Part # 1610018
Download  1610018 Download
File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

1610018 Datasheet (PDF)

Go To PDF Page Download Datasheet
1610018 Datasheet PDF - SICK AG

Part # 1610018
Download  1610018 Click to download

File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

1610018 Datasheet (HTML) - SICK AG


1610018 Product details

Features
Version Short Range
Product category RFID read/write device with integrated antenna
Radio approval European Union USA Canada Australia Korea México China India United Kingdom
Frequency band HF (13.56 MHz)
Carrier frequency 13.56 MHz
Output power 200 mW
RFID standard ISO/IEC 15693
Connection type IO-Link
Read range ≤ 60 mm
Antenna Integrated
Air interface data transmission rate 26 kbit/s




Similar Part No. - 1610018

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1610018 TURCK-1610018 Datasheet
1Mb / 4P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
logo
SICK AG
1610018 SICK-1610018 Datasheet
973Kb / 6P
HF transponder, coin RFID transponder
2024-05-15 16:42:20
More results


Similar Description - 1610018

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
RFID
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
RFID
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
RFID
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com