Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2305 Datasheet (PDF) - SpectraLinear Inc

SL2305 Datasheet PDF - SpectraLinear Inc
Part # SL2305
Download  SL2305 Download
File Size   167.35 Kbytes
Page   11 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)

SL2305 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL2305 Datasheet PDF - SpectraLinear Inc

Part # SL2305
Download  SL2305 Click to download

File Size   167.35 Kbytes
Page   11 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)

SL2305 Datasheet (HTML) - SpectraLinear Inc


SL2305 Product details

Description
The SL2305 is a low skew, low jitter and low power Zero Delay Buffer (ZDB) designed to produce up to five (5) clock outputs from one (1) reference input clock for high speed clock distribution applications. The product has an on-chip PLL which locks to the input clock at CLKIN and receives its feedback internally from the CLKOUT pin.

Key Features
● 10 to 140 MHz operating frequency range
● Low output clock jitter:
   - 45 ps-typ cycle-to-cycle jitter
● Low output-to-output skew: 50 ps-typ
● Low product-to-product skew: 125 ps-typ
● 3.3 V power supply range
● Low power dissipation:
   - 26 mA-max at 66 MHz
   - 42 mA-max at 140 MHz
● One input drives 5 outputs organized as 4+1
● SpreadThru™ PLL that allows use of SSCG
● Standard and High-Drive options
● Available in 8-pin SOIC and TSSOP packages
● Available in Commercial and Industrial grades

Applications
● Printers and MFPs
● Digital Copiers
● PCs and Work Stations
● DTV
● Routers, Switchers and Servers
● Digital Embeded Systems




Similar Part No. - SL2305

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2305SC-1 SILABS-SL2305SC-1 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2305SC-1H SILABS-SL2305SC-1H Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2305SC-1HT SILABS-SL2305SC-1HT Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2305SC-1T SILABS-SL2305SC-1T Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Similar Description - SL2305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com