Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS499 Datasheet (PDF) - Hexawave, Inc

HWS499 Datasheet PDF - Hexawave, Inc
Part # HWS499
Download  HWS499 Download
File Size   89.8 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-4 GHz DPDT Switch

HWS499 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS499 Datasheet PDF - Hexawave, Inc

Part # HWS499
Download  HWS499 Click to download

File Size   89.8 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-4 GHz DPDT Switch

HWS499 Datasheet (HTML) - Hexawave, Inc


HWS499 Product details

Description
The HWS499 is a GaAs PHEMT MMIC DPDT switch operating at DC-4 GHz in a low cost miniature QFN12L (3 x 3 mm) plastic lead (Pb) free package. The HWS499 features low insertion loss and high isolation with very low DC power consumption. This switch can be used in WiMAX or IEEE 802.11b/g WLAN systems for combination of transmit/receive and antenna diversity functions.

Features
• Low Insertion Loss : 0.9 dB @ 2.50 GHz 1.0 dB @ 3.5 GHz
• Isolation: 22 dB @ 2.50 GHz 20 dB @ 3.5GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Lead (Pb) Free Package, RoHS Compliant
• PHEMT process




Similar Part No. - HWS499

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
More results


Similar Description - HWS499

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com