Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSM2016 Datasheet (PDF) - NOVOSENSE Microelectronics Co., Ltd.

NSM2016 Datasheet PDF - NOVOSENSE Microelectronics Co., Ltd.
Part # NSM2016
Download  NSM2016 Download
File Size   3639.65 Kbytes
Page   29 Pages
Manufacturer  NOVO [NOVOSENSE Microelectronics Co., Ltd.]
Direct Link  https://www.novosns.com/en
Logo NOVO - NOVOSENSE Microelectronics Co., Ltd.
Description all-Effect-Based Current Sensor ICwithCommon-Mode Field Rejection and Overcurrentprotection

NSM2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
NSM2016 Datasheet PDF - NOVOSENSE Microelectronics Co., Ltd.

Part # NSM2016
Download  NSM2016 Click to download

File Size   3639.65 Kbytes
Page   29 Pages
Manufacturer  NOVO [NOVOSENSE Microelectronics Co., Ltd.]
Direct Link  https://www.novosns.com/en
Logo NOVO - NOVOSENSE Microelectronics Co., Ltd.
Description all-Effect-Based Current Sensor ICwithCommon-Mode Field Rejection and Overcurrentprotection

NSM2016 Datasheet (HTML) - NOVOSENSE Microelectronics Co., Ltd.


NSM2016 Product details

Key Features
 Highbandwidth and fastresponse time
 380kHzbandwidth
 1.5us response time
 High-precision current measurement  Differentialhall sets can immune stray field
 Highisolation levelthat meetsUL standards  Withstandisolation voltage (VISO): 3000Vrms  Maximum surge isolation withstand voltage (VIOSM):
6kV
 CMTI > 100V/ns  CTI(I)
 Creepagedistance/Clearancedistance: 4mm NOVOSENSE innovative ‘Spin Current’ technologymakesoffsettemperaturedrift very small  Fixed output  Fault overcurrent protection
 Working temperature:-40°C ~ 125°C
 Primary internalresistance: 1.2mΩ SOIC8package
 UL62368/EN62368 safety certification
 ROHS

Applications
 Solar system
 Industrialpower supply
 Motor control  OBC/DCDC/PTCheater  Charging pile




Similar Part No. - NSM2016

ManufacturerPart #DatasheetDescription
logo
StarHope
NSM200 SPSEMI-NSM200 Datasheet
702Kb / 3P
Surface Mount Devices
logo
YAGEO Corporation
NSM200 YAGEO-NSM200 Datasheet
480Kb / 8P
Cement Resistors
September 27, 2023 V.2
More results


Similar Description - NSM2016

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
High Accuracy, Hall-effect Based Current Sensor
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
Fully Integrated, Hall-Effect Based Current Sensor IC
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS37612 ALLEGRO-ACS37612 Datasheet
2Mb / 22P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection and High Bandwidth (240 kHz)
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
ACS37610 ALLEGRO-ACS37610 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
logo
Texas Instruments
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1126 TI1-TMCS1126 Datasheet
2Mb / 39P
TMCS1126 Precision 500kHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com