Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC3220 Datasheet (PDF) - NXP Semiconductors

LPC3220 Datasheet PDF - NXP Semiconductors
Part # LPC3220
Download  LPC3220 Download
File Size   659.97 Kbytes
Page   80 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface

LPC3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC3220 Datasheet PDF - NXP Semiconductors

Part # LPC3220
Download  LPC3220 Click to download

File Size   659.97 Kbytes
Page   80 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface

LPC3220 Datasheet (HTML) - NXP Semiconductors


LPC3220 Product details

General description
The LPC3220/30/40/50 embedded microcontrollers were designed for low power, high
performance applications. NXP achieved their performance goals using a 90 nanometer
process to implement an ARM926EJ-S CPU core with a vector floating point co-processor
and a large set of standard peripherals including USB On-The-Go. The
LPC3220/30/40/50 operates at CPU frequencies of up to 266 MHz.
The NXP implementation uses a ARM926EJ-S CPU core with a Harvard architecture,
5-stage pipeline, and an integral Memory Management Unit (MMU). The MMU provides
the virtual memory capabilities needed to support the multi-programming demands of
modern operating systems. The ARM926EJ-S also has a hardware based set of DSP
instruction extensions, which includes single cycle MAC operations, and hardware based
native Jazelle Java Byte-code execution. The NXP implementation has a 32 kB
instruction cache and a 32 kB data cache.
For low power consumption, the LPC3220/30/40/50 takes advantage of NXP’s advanced
technology development to optimize intrinsic power and uses software controlled
architectural enhancements to optimize application based power management.
The LPC3220/30/40/50 also includes 256 kB of on-chip static RAM, a NAND flash
interface, an Ethernet MAC, an LCD controller that supports STN and TFT panels, and an
external bus interface that supports SDR and DDR SDRAM as well as static devices. In
addition, the LPC3220/30/40/50 includes a USB 2.0 full-speed interface, seven UARTs,
two I2C-bus interfaces, two SPI/SSP ports, two I2S-bus interfaces, two single output
PWMs, a motor control PWM, six general purpose timers with capture inputs and compare
outputs, a Secure Digital (SD) interface, and a 10-bit Analog-to-Digital Converter (ADC)
with a touch screen sense option.
For additional documentation, see Section 15 “References”.

Features and benefits
 ARM926EJ-S processor, running at CPU clock speeds up to 266 MHz.
 Vector Floating Point (VFP) coprocessor.
 32 kB instruction cache and 32 kB data cache.
 Up to 256 kB of Internal SRAM (IRAM).
 Selectable boot-up from various external devices: NAND flash, SPI memory, USB,
UART, or static memory.




Similar Part No. - LPC3220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3220 NXP-LPC3220 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC3220 NXP-LPC3220 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC3220FET296 NXP-LPC3220FET296 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
More results


Similar Description - LPC3220

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
HCMOS Floating-Point Coprocessor
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
Floating Point Coprocessor
logo
NXP Semiconductors
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3220 NXP-LPC3220 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com