Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1271A Datasheet (PDF) - ON Semiconductor

1271A Datasheet PDF - ON Semiconductor
Part # 1271A
Download  1271A Download
File Size   371.97 Kbytes
Page   23 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch

1271A Datasheet (PDF)

Go To PDF Page Download Datasheet
1271A Datasheet PDF - ON Semiconductor

Part # 1271A
Download  1271A Click to download

File Size   371.97 Kbytes
Page   23 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch

1271A Datasheet (HTML) - ON Semiconductor


1271A Product details

Features
 Fixed−Frequency Current−Mode Operation with Ramp
Compensation and Skip Cycle in Standby Condition
 Timer−Based Fault Protection for Improved Overload Detection
 “Soft−Skip Mode” Technique for Optimal Noise Control in Standby
 Internal High−Voltage Startup Current Source for Lossless Startup
 5% Current Limit Accuracy over the Full Temperature Range
 Adjustable Skip Level
 Internal Latch for Easy Implementation of Overvoltage and
Overtemperature Protection
 Frequency Jittering for Softened EMI Signature
 +500 mA/−800 mA Peak Current Drive Capability
 Sub−100 mW Standby Power can be Achieved
 Pin−to−Pin Compatible with the Existing NCP120X Series
 This is a Pb−Free Device

Typical Applications
 AC−DC Adapters for Notebooks, LCD Monitors
 Offline Battery Chargers
 Consumer Electronic Appliances STB, DVD, DVDR




Similar Part No. - 1271A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1271 ETC2-1271 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
1271 ETC-1271 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1271 HEYCO-1271 Datasheet
104Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1271 ADAFRUIT-1271 Datasheet
994Kb / 2P
Adafruit 7-Segment Backpack - 1.2" Tall Digits
8-6-18
logo
Heyco.
12710 HEYCO-12710 Datasheet
101Kb / 1P
Vinyl Coated Steel Clamps
More results


Similar Description - 1271A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
MAX20003EVKIT MAXIM-MAX20003EVKIT Datasheet
349Kb / 8P
Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
logo
ON Semiconductor
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com