Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4205 Datasheet (PDF) - China Resources Powtech (Shanghai) Limited

PT4205 Datasheet PDF - China Resources Powtech (Shanghai) Limited
Part # PT4205
Download  PT4205 Download
File Size   2265.82 Kbytes
Page   18 Pages
Manufacturer  POWTECH [China Resources Powtech (Shanghai) Limited]
Direct Link  https://www.crpowtech.com/
Logo POWTECH - China Resources Powtech (Shanghai) Limited
Description 30V, 1.2A Step-down HB LED Driver

PT4205 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT4205 Datasheet PDF - China Resources Powtech (Shanghai) Limited

Part # PT4205
Download  PT4205 Click to download

File Size   2265.82 Kbytes
Page   18 Pages
Manufacturer  POWTECH [China Resources Powtech (Shanghai) Limited]
Direct Link  https://www.crpowtech.com/
Logo POWTECH - China Resources Powtech (Shanghai) Limited
Description 30V, 1.2A Step-down HB LED Driver

PT4205 Datasheet (HTML) - China Resources Powtech (Shanghai) Limited


PT4205 Product details

GENERAL DESCRIPTION
The PT4205 is a continuous conduction mode inductive
step-down converter, designed for driving single or
multiple serie connected LEDs efficiently from a
voltage source higher than the total LED chain voltage.
The device operates from an input supply between 5V
and 30V and provides an externally adjustable output
current of up to 1.2A. Depending upon the supply
voltage and external components, the PT4205can
provide more than tens of watts of output power.
The PT4205 includes the power switch and a high-side
output current sensing circuit, which uses an external
resistor to set the nominal average output current, and a
dedicated DIM input accepts either a DC voltage or a
wide range of pulsed dimming. Applying a voltage of
0.3V or lower to the DIM pin turns the output off and
switches the device into a low current standby state.
The PT4205 is available in SOT89-5 and ESOP8
packages.

FEATURES
 Simple low parts count
 Wide input voltage range: 5V to 30V
 Up to 1.2A output current
 Single pin on/off and brightness control using DC
voltage or PWM
 Typical 3% output current accuracy
 Inherent open-circuit LED protection
 High efficiency (up to 97%)
 Hysteretic Control: No Compensation
 Adjustable Constant LED Current
 Soft over temperature protection
 ESOP8 package for large output power application
 RoHS compliant

APPLICATIONS
 Low voltage halogen replacement LEDs
 Automotive lighting
 LED back-up lighting
 Illuminated signs




Similar Part No. - PT4205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4205 TI-PT4205 Datasheet
187Kb / 3P
3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4205 TI1-PT4205 Datasheet
190Kb / 4P
1,500 VDC Isolation
PT4205A TI-PT4205A Datasheet
187Kb / 3P
3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4205A TI1-PT4205A Datasheet
190Kb / 4P
1,500 VDC Isolation
PT4205C TI-PT4205C Datasheet
187Kb / 3P
3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
More results


Similar Description - PT4205

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
1.2A Step-Down Converter
logo
Eutech Microelectronics...
EUP3458 EUTECH-EUP3458 Datasheet
109Kb / 1P
1.2A,30V,1.2MHz Step-Down Converter
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
1.2A 36V Step Down High Brightness LED Driver
logo
Monolithic Power System...
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2002 HMSEMI-HM2002 Datasheet
1Mb / 8P
1.2A built-in power tube step-down LED constant current driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com